전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KF10N60PR 데이터시트(PDF) 5 Page - KEC(Korea Electronics)

부품명 KF10N60PR
상세설명  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF10N60PR 데이터시트(HTML) 5 Page - KEC(Korea Electronics)

  KF10N60PR Datasheet HTML 1Page - KEC(Korea Electronics) KF10N60PR Datasheet HTML 2Page - KEC(Korea Electronics) KF10N60PR Datasheet HTML 3Page - KEC(Korea Electronics) KF10N60PR Datasheet HTML 4Page - KEC(Korea Electronics) KF10N60PR Datasheet HTML 5Page - KEC(Korea Electronics) KF10N60PR Datasheet HTML 6Page - KEC(Korea Electronics) KF10N60PR Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2008. 11. 12
5/7
KF10N60PR/FR
Revision No : 0
TIME (sec)
(KF10N60P)
10-5
10-3
10-2
10-1
100
101
10-4
10-2
10-1
100
Fig12. Transient Thermal Response Curve
Duty=0.5
Single Pulse
0.05
TIME (sec)
Fig13. Transient Thermal Response Curve
0.02
0.2
0.01
0.1
t1
t2
PDM
- Duty Factor, D= t1/t2
(KF10N60F)
10-5
10-3
10-2
10-1
100
101
10-4
10-2
10-1
100
Duty=0.5
Single Pulse
0.05
0.02
0.2
0.01
0.1
t1
t2
PDM
- Duty Factor, D= t1/t2


유사한 부품 번호 - KF10N60PR

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KF10N60P KEC-KF10N60P Datasheet
83Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N60P KEC-KF10N60P Datasheet
419Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N60P KEC-KF10N60P Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
KF10N60P VBSEMI-KF10N60P Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
KEC(Korea Electronics)
KF10N60P/F KEC-KF10N60P/F Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

유사한 설명 - KF10N60PR

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com