전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRA221 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KRA221
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA221 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KRA221 Datasheet HTML 1Page - KEC(Korea Electronics) KRA221 Datasheet HTML 2Page - KEC(Korea Electronics) KRA221 Datasheet HTML 3Page - KEC(Korea Electronics) KRA221 Datasheet HTML 4Page - KEC(Korea Electronics) KRA221 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2009. 2. 25
3/5
KRA221~KRA226
Revision No : 0
I - V
I(ON)
INPUT ON VOLTAGE V
(V)
-0.1 -0.3
-1
-3
-0.3
O
I(ON)
I - V
I(ON)
INPUT ON VOLTAGE V
(V)
O
I(ON)
-10
-30 -100 -300 -1k
-0.5
-1
-3
-5
-10
-30
-50
-100
-300
-500
V =-0.3V
O
Ta=25 C
Ta=-25 C
INPUT OFF VOLTAGE V
(V)
-0.4
I(OFF)
-30
I - V
KRA221
V =-0.3V
-1
-100
-10
-30
-50
-5
-1
-3
-0.5
-0.3
-0.1 -0.3
-300
-500
KRA222
O
-100
Ta=-25 C
Ta=25 C
-10
-3
-30
-1k
-300
O
I(OFF)
-0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0
-50
-100
-300
-500
-1k
-3k
-5k
KRA221
V =-5V
O
-0.8
-100
-300
-50
-30
-0.4 -0.6
-1.6
-1.2
-1.0
-1.4
-1.8 -2.0
V =-5V
-5k
-500
-3k
-1k
O
KRA222
G - I
O
OUTPUT CURRENT I
(mA)
-1
-3
-10
-30
300
1
30
IO
-100
-300
-1k
3
5
10
50
100
KRA221
O
V =-5V
Ta=100
C
Ta=25 C
Ta=-25 C
-300
5
-1
1
3
-3
-30
-10
-100
Ta=100
C
100
10
50
30
V =-5V
KRA222
300
O
Ta=-25 C
Ta=25 C
-1k
INPUT OFF VOLTAGE V
(V)
I(OFF)
I - V
O
I(OFF)
G - I
O
OUTPUT CURRENT I
(mA)
IO


유사한 부품 번호 - KRA221

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRA221M KEC-KRA221M Datasheet
742Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA221M KEC-KRA221M Datasheet
28Kb / 1P
   TO-92M PACKAGE
KRA221M KEC-KRA221M_98 Datasheet
28Kb / 1P
   TO-92M PACKAGE
KRA221S KEC-KRA221S Datasheet
573Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

유사한 설명 - KRA221

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com