전자부품 데이터시트 검색엔진 |
|
M-FIAM9MN3 데이터시트(PDF) 2 Page - Vicor Corporation |
|
M-FIAM9MN3 데이터시트(HTML) 2 Page - Vicor Corporation |
2 / 7 page Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 M-FIAM9 Rev. 2.1 Page 2 of 7 Set your site on VICOR at vicorpower.com Parameter Min Typ Max Unit Notes Input voltage 10 28 36 Vdc Continuous Inrush limiting 0.007 A/µF Transient immunity 100 Vdc 50 ms per MIL-STD-1275A/B/D, continuous operation 250 Vdc 70 µs per MIL-STD-1275A/B/D, continuous operation 70 Vdc 20 ms per MIL-STD-704A, continuous operation 50 Vdc 12.5 ms per MIL-STD-704E/F, continuous operation INPUT SPECIFICATIONS Parameter Min Typ Max Unit Notes Output power 500 W Output current 18 A Efficiency 96 97 % Internal voltage drop 0.85 1.5 V 500 W, 25°C baseplate External capacitance See Figure 4 on page 4 330 1000 µF 50 V OUTPUT SPECIFICATIONS Parameter Min Typ Max Unit Notes ON/OFF control Enable (ON) 0.0 1.0 Vdc Referenced to – Vout Disable (OFF) 3.5 5.0 Vdc 100 k Ω internal pull up resistor CONTROL PIN SPECIFICATIONS Parameter Min Typ Max Unit Notes Dielectric withstand 1,500 Vrms Input/Output to Base 2,121 Vdc Input/Output to Base SAFETY SPECIFICATIONS SPECIFICATIONS (typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified) Standard Test Procedure Notes MIL-STD-461E When using with V28 series converters a 27 µH inductor is Conducted emissions: CE101, CE102 needed between the filter and converter for compliance Conducted susceptibility: CS101, CS114, CS115, CS116 below 30% of rated power. EMI Parameter Min Typ Max Unit Notes Weight 3.3 (94) Ounces (grams) Warranty 2 Years GENERAL SPECIFICATIONS |
유사한 부품 번호 - M-FIAM9MN3 |
|
유사한 설명 - M-FIAM9MN3 |