전자부품 데이터시트 검색엔진 |
|
MV036F180M007 데이터시트(PDF) 5 Page - Vicor Corporation |
|
MV036F180M007 데이터시트(HTML) 5 Page - Vicor Corporation |
5 / 10 page vicorpower.com 800-735-6200 V•I Chip Voltage Transformation Module MV036 SERIES Rev. 2.5 Page 5 of 10 V•I Chip Voltage Transformation Module Parameter Min Typ Max Unit Note Primary Control (PC) DC voltage 4.8 5.0 5.2 Vdc Module disable voltage 2.4 2.5 Vdc Module enable voltage 2.5 2.6 Vdc VC voltage must be applied when module is enabled using PC Current limit 2.4 2.5 2.9 mA Source only Disable delay time 6 µs PC low to Vout low VTM Control (VC) External boost voltage 12 14 19 Vdc Required for VTM start up without PRM External boost duration 10 ms Vin > 26 Vdc. VC must be applied continuously if Vin < 26 Vdc. Auxiliary Pins (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified) Figure 7 — Example load step with 100 µF input capacitance and no output capacitance (MV036F120M010). Figure 8 — Example load step with 100 µF input capacitance and no output capacitance (MV036F120M010). Electrical Specifications (continued) Parameter Min Typ Max Unit Note MTBF (MV036F030M040) MIL-HDBK-217F 4,480,000 Hours 25°C, GB 806,000 50°C NS 631,000 65°C AIC Isolation specifications Voltage 2,250 Vdc Input to Output Capacitance 3000 pF Input to Output Resistance 10 M Ω Input to Output Agency approvals cTÜVus UL /CSA 60950-1, EN 60950-1 CE Mark Low voltage directive Mechanical See Mechanical Drawings, Figures 10 & 11 Weight 0.53/ 15 oz /g Dimensions Length 1.28/ 32,5 in / mm Width 0.87 / 22 in / mm Height 0.265 / 6,73 in / mm Thermal Over temperature shutdown 125 130 135 °C Junction temperature Thermal capacity 9.3 Ws / °C Junction-to-case thermal impedance (RθJC)1.1 °C / W Junction-to-ambient 5.0 °C / W With 0.25” heat sinkˆ Junction-to-board thermal impedance (RθJB) 2.1 °C/W General |
유사한 부품 번호 - MV036F180M007 |
|
유사한 설명 - MV036F180M007 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |