전자부품 데이터시트 검색엔진 |
|
BA-5G5UD 데이터시트(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP |
|
BA-5G5UD 데이터시트(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP |
1 / 3 page B BR RIIG GH HT T L LE ED D E EL LE EC CT TR RO ON NIIC CS S C CO OR RP P.. B BA A--5 5G G5 5U UD D Ver.2.0 Page 1 of 3 SINCE 1981 ● Package Dimensions : Notes: 1. All dimensions are in millimeters(inches). 2. Tolerance is ±0.25mm(.01")unless otherwise specified. 3. Specifications are subject to change without notice. ● Features : 1. Emitting area : 5.0×1.7×5(mm) 2. Low power requirement. 3. Excellent characters appearance. 4. Solid state reliability. 5. Categorized for luminous intensity. 6. Universal pin out. ● Description : 1. The BA-5G5UD is 5 bar grapharray display. 2. This product use green chips, which are made from GaP on GaP substrate. 3. This product have a black face and white segments. 4. This product doesn't contain restriction substance, comply ROHS standard. ● Internal Circuit Diagram : 2.1 佰鴻工業股份有限公司 http://www.brtled.com |
유사한 부품 번호 - BA-5G5UD |
|
유사한 설명 - BA-5G5UD |