전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50-0004 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 AM50-0004
상세설명  High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM50-0004 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM50-0004 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. AM50-0004 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V7
AM50-0004
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure: 1.4 dB
• High Input IP3: +18 dBm at 8 V, 45 mA bias
+8 dBm at 3 V, 20 mA bias
• High Gain: 14 dB
• Single Supply: +3 to +8 VDC
• Low Cost SOIC-8 Plastic Package
• Adjustable current: 20 to 60 mA with external
resistor
Description
M/A-COM’s AM50-0004 is a high dynamic range,
GaAs MMIC, low noise amplifier in a low cost, SOIC
8-lead, surface mount, plastic package. It employs
external input matching to obtain optimum noise
figure
performance
and
operating
frequency
flexibility.
The AM50-0004 also features flexible
biasing to control the current consumption vs.
dynamic range trade-off.
The AM50-0004 can
operate from any positive supply voltage in the 3 V
to 8 V range. Its current can be controlled over a
range of 20 mA to 60 mA with an external resistor.
The AM50-0004 is ideally suited for use where low
noise figure, high gain, high dynamic range, and low
power
consumption
are
required.
Typical
applications included receiver front ends in PDC,
DCS-1800, DCS-1900 and other PCN/PCS base
stations.
It is also useful as a gain block, buffer,
driver, and IF amplifier in both fixed or portable PDC
and PCN/PCS systems.
The AM50-0004 is fabricated using a low-cost 0.5-
micron gate length GaAs process.
The process
features full passivation for increased performance
and reliability. The AM50-0004 is 100% RF tested
to ensure performance specification compliance.
Pin Configuration
Pin No.
Pin Name
Description
1
GND
RF and DC Ground
2
REXT
External Current Control
(optional)
3
RF IN
RF Input of the amplifier
4
GND
RF and DC Ground
5
GND
RF and DC Ground
6
RF OUT
RF Output of the amplifier
7
VDD
Positive supply voltage
8
GND
RF and DC Ground
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current
4
80 mA
Channel Temperature
5
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. When pin #2 is used to increase current. (See note 7.)
5. Thermal resistance (
θjc) = +99°C/W.
Ordering Information
1
Part Number
Package
AM50-0004
Bulk Packaging
AM50-0004TR
1000 piece reel
AM50-0004SMB
Designer’s Kit
1. Reference Application Note M513 for reel size information.
Functional Block Diagram


유사한 부품 번호 - AM50-0004

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0004 MACOM-AM50-0004 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
AM50-0004RTR MACOM-AM50-0004RTR Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0004SMB MACOM-AM50-0004SMB Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0004SMB MACOM-AM50-0004SMB Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
More results

유사한 설명 - AM50-0004

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
   1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com