전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5291BRUZ-20-RL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5291BRUZ-20-RL7
상세설명  256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5291BRUZ-20-RL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5291BRUZ-20-RL7 Datasheet HTML 4Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 5Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 6Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 9Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 10Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 11Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5291/AD5292
Rev. 0 | Page 8 of 28
TIMING DIAGRAMS
t4
t3
t2
t5
t7
t6
D0
D1
X
SYNC
SCLK
t9
t1
t8
DIN
SDO
D6
D7
D2
XC3
C2
RDY
t12
t10
t11
RESET
tRESET
Figure 3. Write Timing Diagram
D0
D1
X
SYNC
SCLK
t9
t14
t13
t11
DIN
SDO
X
D0
X
XC3
RDY
D0
X
X
C3
D0
D1
C3
Figure 4. Read Timing Diagram


유사한 부품 번호 - AD5291BRUZ-20-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5291BRUZ-20-RL7 AD-AD5291BRUZ-20-RL7 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291BRUZ-20-RL7 AD-AD5291BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

유사한 설명 - AD5291BRUZ-20-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com