전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7781BRZ-REEL 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7781BRZ-REEL
상세설명  20-Bit, Pin-Programmable, Low Power Sigma-Delta ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7781BRZ-REEL 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7781BRZ-REEL Datasheet HTML 5Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 6Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 7Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 8Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 9Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 10Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 11Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 12Page - Analog Devices AD7781BRZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7781
Rev. 0 | Page 9 of 16
524,276
524,275
524,274
524,273
0
200
400
600
800
1000
SAMPLE
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–6
–4
–2
0
2
4
6
VIN (V)
Figure 14. Noise (VREF = AVDD, Update Rate = 10 Hz, Gain = 1)
800
600
400
200
0
524,274
524,275
CODE
Figure 15. Noise Distribution Histogram
(VREF = AVDD, Update Rate = 10 Hz, Gain = 1)
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
VIN (V)
Figure 16. Integral Nonlinearity (VREF = AVDD, Gain = 128)
Figure 17. Integral Nonlinearity (VREF = AVDD, Gain = 1)
10
8
6
4
2
0
–2
–4
–6
–8
–10
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 18. Offset vs. Temperature (Gain = 128)
150
100
50
0
–50
–100
–150
–200
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 19. Gain Error vs. Temperature (Gain = 128)


유사한 부품 번호 - AD7781BRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7781BRZ-REEL AD-AD7781BRZ-REEL Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
More results

유사한 설명 - AD7781BRZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7781 AD-AD7781_17 Datasheet
326Kb / 17P
   20-Bit, Pin-Programmable Low Power Sigma-Delta ADC
AD7780 AD-AD7780 Datasheet
429Kb / 16P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
REV. A
AD7780 AD-AD7780_17 Datasheet
356Kb / 17P
   24-Bit, Pin-Programmable, Ultralow Power Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7170 AD-AD7170_17 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com