전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1491EBRMZ-REEL7 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADM1491EBRMZ-REEL7
상세설명  16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1491EBRMZ-REEL7 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADM1491EBRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 13Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 14Page - Analog Devices ADM1491EBRMZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM1490E/ADM1491E
Rev. B | Page 11 of 16
Figure 28. Human Body Model ESD Current Waveform
Table 9. ADM1490E/ADM1491E ESD Test Results
ESD Test Method
Input/Output Pins
Other Pins
Human Body Model
±8 kV
±4 kV
100%
90%
36.8%
10%
TIME (
t)
tRL
tDL


유사한 부품 번호 - ADM1491EBRMZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
ADM1491EBRMZ-REEL7 AD-ADM1491EBRMZ-REEL7 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
More results

유사한 설명 - ADM1491EBRMZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1490E AD-ADM1490E_V01 Datasheet
346Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
Rev. D
ADM1491E AD-ADM1491E Datasheet
304Kb / 16P
   16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
REV. 0
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP490 EXAR-SP490 Datasheet
552Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1490E SIPEX-SP1490E Datasheet
73Kb / 10P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
83Kb / 12P
   Full Duplex RS-485 Transceivers
SP490 SIPEX-SP490 Datasheet
94Kb / 10P
   Full Duplex RS-485 Transceivers
logo
Exar Corporation
SP491CN-L EXAR-SP491CN-L Datasheet
453Kb / 11P
   Full Duplex RS-485 Transceivers
logo
Sipex Corporation
SP490 SIPEX-SP490_05 Datasheet
161Kb / 12P
   Full Duplex RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com