전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1612 데이터시트(PDF) 8 Page - Analog Devices

부품명 ADP1612
상세설명  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1612 데이터시트(HTML) 8 Page - Analog Devices

Back Button ADP1612 Datasheet HTML 4Page - Analog Devices ADP1612 Datasheet HTML 5Page - Analog Devices ADP1612 Datasheet HTML 6Page - Analog Devices ADP1612 Datasheet HTML 7Page - Analog Devices ADP1612 Datasheet HTML 8Page - Analog Devices ADP1612 Datasheet HTML 9Page - Analog Devices ADP1612 Datasheet HTML 10Page - Analog Devices ADP1612 Datasheet HTML 11Page - Analog Devices ADP1612 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 8 of 28
800
750
700
650
600
550
500
450
400
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 16. ADP1612/ADP1613 Quiescent Current vs. Input Voltage,
Nonswitching, fSW = 650 kHz
800
750
700
650
600
550
500
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = +125°C
TA = –40°C
ADP1612/ADP1613
Figure 17. ADP1612/ADP1613 Quiescent Current vs. Input Voltage,
Nonswitching, fSW = 1.3 MHz
3.5
3.0
2.5
2.0
1.5
1.0
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +25°C
TA = –40°C
TA = +125°C
ADP1612/ADP1613
Figure 18. ADP1612/ADP1613 Quiescent Current vs. Input Voltage, Switching,
fSW = 650 kHz
6
5
4
3
2
1
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
TA = +125°C
TA = +25°C
TA = –40°C
ADP1612/ADP1613
Figure 19. ADP1612/ADP1613 Quiescent Current vs. Input Voltage, Switching,
fSW = 1.3 MHz
250
230
210
190
170
150
130
110
90
70
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
ISW = 1A
TA = –40°C
TA = +30°C
TA = +85°C
ADP1612/ADP1613
Figure 20. ADP1612/ADP1613 On Resistance vs. Input Voltage
250
230
210
190
170
150
130
110
90
70
–40
–15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.5V
ISW = 1A
VIN = 1.8V
VIN = 2.5V
VIN = 3.6V
ADP1612/ADP1613
Figure 21. ADP1612/ADP1613 On Resistance vs. Temperature


유사한 부품 번호 - ADP1612

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

유사한 설명 - ADP1612

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
   650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com