전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1612-5-EVALZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADP1612-5-EVALZ
상세설명  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1612-5-EVALZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADP1612-5-EVALZ Datasheet HTML 6Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 7Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 8Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 9Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 10Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 11Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 12Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 13Page - Analog Devices ADP1612-5-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 10 of 28
T
TIME (400ns/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 20mA
L = 6.8µH
fSW = 1.3MHz
COUT = 10µF
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT
(200mA/DIV)
SWITCH VOLTAGE (10V/DIV)
Figure 28. ADP1612/ADP1613 Switching Waveform in Discontinuous
Conduction Mode
T
TIME (400ns/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 200mA
L = 6.8µH
fSW = 1.3MHz
COUT = 10µF
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT
(500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
Figure 29. ADP1612/ADP1613 Switching Waveform in Continuous
Conduction Mode
T
TIME (20ms/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (2A/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 30. ADP1612/ADP1613 Start-Up from VIN, CSS =33 nF
T
TIME (20ms/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
INDUCTOR CURRENT (2A/DIV)
Figure 31. ADP1612/ADP1613 Start-Up from VIN, CSS =100 nF
T
TIME (400µs/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 32. ADP1612/ADP1613 Start-Up from Shutdown, CSS = 33 nF
T
TIME (400µs/DIV)
VIN = 5V
VOUT = 12V
ILOAD = 250mA
L = 6.8µH
fSW = 1.3MHz
OUTPUT VOLTAGE (5V/DIV)
INDUCTOR CURRENT (500mA/DIV)
SWITCH VOLTAGE (10V/DIV)
EN PIN VOLTAGE (5V/DIV)
Figure 33. ADP1612/ADP1613 Start-Up from Shutdown, CSS = 100 nF


유사한 부품 번호 - ADP1612-5-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP161 AD-ADP161 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
More results

유사한 설명 - ADP1612-5-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
   650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
Texas Instruments
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
logo
Torex Semiconductor
XC910607 TOREX-XC910607 Datasheet
81Kb / 7P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
XC9106 TOREX-XC9106 Datasheet
109Kb / 8P
   PWM Control, PWM/PFM Switching Control, Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com