전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB10E2L1 데이터시트(PDF) 9 Page - Glenair, Inc.

부품명 CB10E2L1
상세설명  Qualifi ed Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GLENAIR [Glenair, Inc.]
홈페이지  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CB10E2L1 데이터시트(HTML) 9 Page - Glenair, Inc.

Back Button CB10E2L1 Datasheet HTML 2Page - Glenair, Inc. CB10E2L1 Datasheet HTML 3Page - Glenair, Inc. CB10E2L1 Datasheet HTML 4Page - Glenair, Inc. CB10E2L1 Datasheet HTML 5Page - Glenair, Inc. CB10E2L1 Datasheet HTML 6Page - Glenair, Inc. CB10E2L1 Datasheet HTML 7Page - Glenair, Inc. CB10E2L1 Datasheet HTML 8Page - Glenair, Inc. CB10E2L1 Datasheet HTML 9Page - Glenair, Inc. CB10E2L1 Datasheet HTML 10Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
37
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG96934 STYLE Z6: PANEL MOUNT DUMMY STOWAGE RECEPTACLE
VG96934 KEY POSITIONS AND CONTACT ARRANGEMENTS
VG96934Z6
Dummy receptacle mounts
to panel with screw and provides
protection to unused plugs.
VG Part Number
Glenair Part no.
VG96934Z6
CBCAP-Z6
GASKET
23.0 MAX.
4.2 +0.2
-0
15.7
MAX.
Material and Finish
Cover: Aluminum Alloy, Black Zinc Cobalt
finish
Gasket: Silicone rubber
Plug
Receptacle
Key Positions
VG96934 Styles E and F
Panel Mount Plug
VG96934 Styles B and C
Panel Mount Receptacle
Position
A
B
Color Code
N
95°
140°
White
W
85°
115°
Blue
X
100°
105°
Violet
Y
110°
120°
Chrome Yellow
Z
80°
145°
Dark Red
A
B
C
D E
F
G
H
J
K
40º 4
5'
A
B
A
B
C
D
E
F
G
H
K
J
A
B
30°
A
B
C
D
E
F
G
K
H
J
CL
CL
3.74 0.49
3.14
2.86
1.09
1.73
2.4
1.66
1.66
2.4
3.58
2.03
2.03
3.58
A
B
C
D
E
F
G
K
H
J
CL
CL
3.8 0.45
3.2
2.9
1.1
1.65
2.45
1.55
1.55
2.45
3.65
2.05
2.05
3.65
VG96934 PRINTED CIRCUIT BOARD ARRANGEMENTS


유사한 부품 번호 - CB10E2L1

제조업체부품명데이터시트상세설명
logo
Extech Instruments Corp...
CB10 EXTECH-CB10 Datasheet
240Kb / 1P
   AC Circuit Breaker Finder/Receptacle Tester
logo
Stackpole Electronics, ...
CB10 SEI-CB10 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
Extech Instruments Corp...
CB10-KIT EXTECH-CB10-KIT Datasheet
487Kb / 1P
   Electrical Troubleshooting Kit
logo
SAMWHA ELECTRIC
CB1005GA100 SAMWHA-CB1005GA100 Datasheet
822Kb / 22P
   BEADS, For Signal Line
CB1005GA102 SAMWHA-CB1005GA102 Datasheet
822Kb / 22P
   BEADS, For Signal Line
More results

유사한 설명 - CB10E2L1

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
   Qualifi ed Connectors
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
   VG95351 and VG96934 Qualifi ed Connectors
logo
IRC - a TT electronics ...
RL50D1002F IRCTT-RL50D1002F Datasheet
100Kb / 2P
   Precision Mil-Qualifi ed Metal Glaze Resistor
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
   ED CORES
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
   900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
   ED & EDM Domes
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
PHOENIX CONTACT
1663637 PHOENIX-1663637 Datasheet
100Kb / 4P
   CK2,5-ED-4,00ST AG
1663417 PHOENIX-1663417 Datasheet
100Kb / 4P
   CK1,6-ED-0,75BU AG
1663446 PHOENIX-1663446 Datasheet
100Kb / 4P
   CK1,6-ED-2,50BU AG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com