전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

800-011-01ZN6-4AN 데이터시트(PDF) 4 Page - Glenair, Inc.

부품명 800-011-01ZN6-4AN
상세설명  Crimp Receptacle Ordering Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GLENAIR [Glenair, Inc.]
홈페이지  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-011-01ZN6-4AN 데이터시트(HTML) 4 Page - Glenair, Inc.

  800-011-01ZN6-4AN Datasheet HTML 1Page - Glenair, Inc. 800-011-01ZN6-4AN Datasheet HTML 2Page - Glenair, Inc. 800-011-01ZN6-4AN Datasheet HTML 3Page - Glenair, Inc. 800-011-01ZN6-4AN Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
Dimensions in inches (millimeters) and are subject to change without notice.
© 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
C-9
E-Mail: sales@glenair.com
Integral Band Platform
800-010-01
Accessory Thread
800-011-01
DIMENSIONS
Shell
Size
AØ B
C Threads
Mating
D Max.
Ø E
F Max.
G Threads
Accessory
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
5
.312
7.92
.355
9.02
.3125-28 UN-2A
.750
19.05
.230
5.84
.725
18.42
.250-32 UNEF-2A
6
.375
9.53
.400
10.16
.3750-28 UN-2A
.750
19.05
.286
7.26
.725
18.42
.3125-32 UNEF-2A
7
.445
11.30
.490
12.45
.4375-28 UNEF-2A
.825
20.96
.390
9.91
.800
20.32
.4375-28 UNEF-2A
8
.550
13.97
.600
15.24
.5000-32 UN-2A
.825
20.96
.445
11.30
.800
20.32
.5000-28 UNEF-2A
9
.613
15.57
.663
16.84
.5625-32 UN-2A
.825
20.96
.500
12.70
.800
20.32
.5625-24 UNEF-2A
10
.675
17.15
.725
18.42
.6250-32 UN-2A
.825
20.96
.565
14.35
.800
20.32
.6250-24 UNEF-2A
12
.800
20.32
.850
21.59
.7500-28 UN-2A
.825
20.96
.650
16.51
.800
20.32
.6875-24 UNEF-2A
SERIES 800 KEY POSITIONS
Key Position
Key Rotation
Plug Key Position
Receptacle Key Position
Normal (N)
150°
X
140°
Y
130°
Z
120°
Shell size 5 and 6: master key is located at
top dead center for normal (N) position. Shell
size 7 thru 12: master key is rotated 90° from
TDC for normal position.
NORMAL
60°
60°
NORMAL
Series 800 “Mighty Mouse” with UN Mating Thread
In-Line Crimp Receptacle Dimensions
800-010-01 and 800-011-01
A FLATS
C THREAD
ø B
ø E
D MAX
C THREAD
F MAX
G THREAD
.039 (.10) SHELL SIZE 5 & 6
.050 (1.27) SHELL SIZE 7 THRU 12
.320 (8.1) SHELL SIZE 5 & 6
.460 (11.7) SHELL SIZE 7 THRU 12
Rev. 01-FEB-2009


유사한 부품 번호 - 800-011-01ZN6-4AN

제조업체부품명데이터시트상세설명
logo
Littelfuse
800-01 LITTELFUSE-800-01 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Glenair, Inc.
800-010-01 GLENAIR-800-010-01 Datasheet
242Kb / 1P
   Inline and Panel Mount Receptacles
800-012 GLENAIR-800-012 Datasheet
169Kb / 1P
   PC Tail or Solder Cup PCB Receptacle
800-012-02C5-3EN GLENAIR-800-012-02C5-3EN Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
800-012-02C5-3EX GLENAIR-800-012-02C5-3EX Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
More results

유사한 설명 - 800-011-01ZN6-4AN

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
801-011-02C5-3PA GLENAIR-801-011-02C5-3PA Datasheet
456Kb / 2P
   PCB Receptacle Ordering Information
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
   ORDERING INFORMATION (OBSOLETE*)
logo
Glenair, Inc.
800-006-06C5-3P GLENAIR-800-006-06C5-3P Datasheet
188Kb / 2P
   Plug Connector Ordering Information
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
C1D0112S-A ETC2-C1D0112S-A Datasheet
122Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
D2C-22 ETC2-D2C-22 Datasheet
84Kb / 2P
   SPECIFICATIONS AND ORDERING INFORMATION
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com