전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3V0BC 데이터시트(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

부품명 3V0BC
상세설명  Silicon Epitaxial Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

3V0BC 데이터시트(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  3V0BC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 3V0BC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 3V0BC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
13BCA
12.18
12.71
10
14
10
110
0.5
0.2
10
13BCB
12.59
13.16
10
14
10
110
0.5
0.2
10
13BCC
13.03
13.62
10
14
10
110
0.5
0.2
10
15BC
13.8
15.6
10
16
10
110
0.5
0.2
11
15BCA
13.48
14.09
10
16
10
110
0.5
0.2
11
15BCB
13.95
14.56
10
16
10
110
0.5
0.2
11
15BCC
14.42
15.02
10
16
10
110
0.5
0.2
11
16BC
15.3
17.1
10
18
10
150
0.5
0.2
12
16BCA
14.87
15.5
10
18
10
150
0.5
0.2
12
16BCB
15.33
15.96
10
18
10
150
0.5
0.2
12
16BCC
15.79
16.5
10
18
10
150
0.5
0.2
12
18BC
16.8
19.1
10
23
10
150
0.5
0.2
13
18BCA
16.34
17.06
10
23
10
150
0.5
0.2
13
18BCB
16.9
17.67
10
23
10
150
0.5
0.2
13
18BCC
17.51
18.3
10
23
10
150
0.5
0.2
13
20BC
18.8
21.6
10
28
10
200
0.5
0.2
15
20BCA
18.11
18.92
10
28
10
200
0.5
0.2
15
20BCB
18.73
19.57
10
28
10
200
0.5
0.2
15
20BCC
19.38
20.22
10
28
10
200
0.5
0.2
15
20BCD
19.88
20.72
10
28
10
200
0.5
0.2
15
22BC
20.8
23.3
5
30
5
200
0.5
0.2
17
22BCA
20.23
21.08
5
30
5
200
0.5
0.2
17
22BCB
20.76
21.65
5
30
5
200
0.5
0.2
17
22BCC
21.22
22.09
5
30
5
200
0.5
0.2
17
22BCD
21.68
22.61
5
30
5
200
0.5
0.2
17
24BC
22.8
25.6
5
35
5
200
0.5
0.2
19
24BCA
22.26
23.12
5
35
5
200
0.5
0.2
19
24BCB
22.75
23.73
5
35
5
200
0.5
0.2
19
24BCC
23.29
24.27
5
35
5
200
0.5
0.2
19
24BCD
23.81
24.81
5
35
5
200
0.5
0.2
19
27BC
25.1
28.9
5
45
5
250
0.5
0.2
21
27BCA
24.26
25.52
5
45
5
250
0.5
0.2
21
27BCB
24.97
26.26
5
45
5
250
0.5
0.2
21
27BCC
25.63
26.95
5
45
5
250
0.5
0.2
21
27BCD
26.29
27.64
5
45
5
250
0.5
0.2
21
30BC
28
32
5
55
5
250
0.5
0.2
23
30BCA
26.99
28.39
5
55
5
250
0.5
0.2
23
30BCB
27.7
29.13
5
55
5
250
0.5
0.2
23
30BCC
28.36
29.82
5
55
5
250
0.5
0.2
23
30BCD
29.02
30.51
5
55
5
250
0.5
0.2
23
33BC
31
35
5
65
5
250
0.5
0.2
25
33BCA
29.68
31.22
5
65
5
250
0.5
0.2
25
33BCB
30.32
31.88
5
65
5
250
0.5
0.2
25
33BCC
30.9
32.5
5
65
5
250
0.5
0.2
25
33BCD
31.49
33.11
5
65
5
250
0.5
0.2
25
1) Tested with pulse tp = 20 ms


유사한 부품 번호 - 3V0BC

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
3V0BS SEMTECH_ELEC-3V0BS Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
3V0BSA SEMTECH_ELEC-3V0BSA Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
3V0BSB SEMTECH_ELEC-3V0BSB Datasheet
350Kb / 6P
   SILICON PLANAR ZENER DIODES
More results

유사한 설명 - 3V0BC

제조업체부품명데이터시트상세설명
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com