전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA1469PH 데이터시트(PDF) 1 Page - Silan Microelectronics Joint-stock

부품명 SA1469PH
상세설명  4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILAN [Silan Microelectronics Joint-stock]
홈페이지  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA1469PH 데이터시트(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA1469PH Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA1469PH Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SA1469PH
4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
DESCRIPTION
The SA1469PH, an IC for CD players, has a 4-channel BTL driver,
3.3V regulator (attached PNP transistor required), standard operational
amplifier, and internal reset output linked to an internal thermal shutdown
circuit. The driver has gain adjustment input pins for each channel,
allowing gain to be set to the desired value. Also, the internal level shift
circuit helps reduce the number of attached components.
FEATURES
* 1-phase, full-wave, linear DC motor driver
* Gain is adjustable with an attached resistor.
* Internal standard operational amplifier.
* Internal 3.3V regulator. (required attached PNP transistor)
* Internal thermal shutdown circuit with hysteresis capabilities.
ORDERING INFORMATION
Device
Package
SA1469PH
HSOP-28-375-0.8
BLOCK DIAGRAM
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.07.23
Http://www.silan.com.cn
Page 1 of 11


유사한 부품 번호 - SA1469PH

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
More results

유사한 설명 - SA1469PH

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5938FM ROHM-BA5938FM Datasheet
82Kb / 9P
   4ch BTL driver for CD player
logo
Silan Microelectronics ...
SA9259 SILAN-SA9259 Datasheet
216Kb / 10P
   5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
logo
Rohm
BA5977FP ROHM-BA5977FP Datasheet
141Kb / 12P
   4ch BTL driver for CD player
logo
Sanyo Semicon Device
LA6242H SANYO-LA6242H_09 Datasheet
159Kb / 9P
   For CD Player 4-channel Bridge (BTL) Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com