전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2110MPX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN2110MPX
상세설명  TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110MPX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN2110MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2110MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
August 2009
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.2
FAN2110 — TinyBuck™
3-24V Input, 10A, High-Efficiency, Integrated
Synchronous Buck Regulator
Features
Wide Input Voltage Range: 3V-24V
Wide Output Voltage Range: 0.8V to 80% VIN
10A Output Current
1% Reference Accuracy Over Temperature
Over 93% Peak Efficiency
Programmable Frequency Operation: 200KHz to
600KHz
Fully Synchronous Operation with Integrated
Schottky Diode on Low-Side MOSFET Boosts
Efficiency
Internal Bootstrap Diode
Power-Good Signal
Starts up on Pre-Bias Outputs
Accepts Ceramic Capacitors on Output
External Compensation for Flexible Design
Programmable Current Limit
Under-Voltage, Over-Voltage, and Thermal
Shutdown Protections
Internal Soft-Start
5x6mm, 25-Pin, 3-Pad MLP Package
Applications
Servers & Telecom
Graphics Cards & Displays
Computing Systems
Point-of-Load Regulation
Set-Top Boxes & Game Consoles
Description
The FAN2110 TinyBuck™ is a highly efficient, small
footprint,
constant
frequency,
10A
integrated
synchronous Buck regulator.
The FAN2110 contains both synchronous MOSFETs
and a controller/driver with optimized interconnects in
one package, which enables designers to solve high-
current requirements in a small area with minimal
external components. Integration helps to minimize
critical inductances making component layout simpler
and more efficient compared to discrete solutions.
The FAN2110 provides for external loop compensation,
programmable switching frequency, and current limit.
These features allow design flexibility and optimization.
High
frequency
operation
allows
for
all
ceramic
solutions.
The summing current mode modulator uses lossless
current sensing for current feedback and over-current
protection. Voltage feedforward helps operation over a
wide input voltage range.
Fairchild’s
advanced
BiCMOS
power
process,
combined with low-RDS(ON) internal MOSFETs and a
thermally efficient MLP package, provide the ability to
dissipate high power in a small package.
Output
over-voltage,
under-voltage,
and
thermal
shutdown protections help protect the device from
damage during fault conditions. FAN2110 also prevents
pre-biased output discharge during startup in point-of-
load applications.
Related Application Notes
AN-8022 — TinyCalc™ Calculator
Ordering Information
Part Number
Operating
Temperature Range
Package
Eco
Status
Packing
Method
FAN2110MPX
-10°C to 85°C
Molded Leadless Package (MLP) 5x6mm
Green
Tape and Reel
FAN2110EMPX
-40°C to 85°C
Molded Leadless Package (MLP) 5x6mm
Green
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


유사한 부품 번호 - FAN2110MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2110MPX FAIRCHILD-FAN2110MPX_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2110MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com