전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2110EMPX 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN2110EMPX
상세설명  TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110EMPX 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN2110EMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2110EMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.2
5
Electrical Specifications
Electrical specifications are the result of using the circuit shown in Figure 1 with VIN=12V, unless otherwise noted.
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
Power Supplies
SW=Open, VFB=0.7V, VCC=5V,
fSW=600KHz
8
12
mA
ICC
VCC Current
Shutdown: EN=0, VCC=5V
7
10
µA
Rising VCC
4.1
4.3
4.5
V
VUVLO
VCC UVLO Threshold
Hysteresis
300
mV
Oscillator
RT=50KΩ to GND
255
300
345
KHz
fSW
Frequency
RT=24KΩ to GND
540
600
660
KHz
tONmin
Minimum On-Time
(2)
50
65
ns
VRAMP
Ramp Amplitude, Peak-to-Peak
16VIN, 1.8VOUT, RT=30KΩ,
RRAMP=200KΩ
0.53
V
tOFFmin
Minimum Off-Time
(2)
100
150
ns
Reference
FAN2110MPX, 25°C
794
800
806
mV
VFB
Reference Voltage (see Figure 4 for
Temperature Coefficient)
FAN2110EMPX, 25°C
795
800
805
mV
Error Amplifier
G
DC Gain
(2)
80
85
dB
GBW
Gain Bandwidth Product
(2)
12
15
MHz
VCOMP
Output Voltage
(2)
VCC=5V
0.4
3.2
V
ISINK
Output Current, Sourcing
VCC=5V, VCOMP=2.2V
1.5
2.2
mA
ISOURCE
Output Current, Sinking
VCC=5V, VCOMP=1.2V
0.8
1.2
mA
IBIAS
FB Bias Current
VFB=0.8V, 25°C
-850
-650
-450
nA
Protection and Shutdown
ILIM
Current Limit (see Circuit
Description)
(2)
RILIM=182 KΩ,, 25°C, fSW=500KHz,
VOUT=1.5V, RRAMP=243KΩ,
16 Consecutive Clock Cycles
(3)
12
14
16
A
IILIM
ILIM Current
VCC=5V, 25°C
-11
-10
-9
µA
TTSD
Over-Temperature Shutdown
(2)
+155
°C
THYS
Over-Temperature Hysteresis
(2)
Internal IC Temperature
+30
°C
VOVP
Over-Voltage Threshold
2 Consecutive Clock Cycles
(3)
110
115
121
%VOUT
VUVSD
Under-Voltage Shutdown
16 Consecutive Clock Cycles
(3)
68
73
78
%VOUT
VFLT
Fault Discharge Threshold
Measured at FB Pin
250
mV
VFLT_HYS
Fault Discharge Hysteresis
Measured at FB Pin (VFB ~500mV)
250
mV
Soft-Start
tSS
VOUT to Regulation (T0.8)
5.3
ms
tEN
Fault Enable/SSOK (T1.0)
(2)
fSW=500KHz
6.7
ms
Continued on the following page…


유사한 부품 번호 - FAN2110EMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2110EMPX FAIRCHILD-FAN2110EMPX_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2110EMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com