전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA2810C 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 CA2810C
상세설명  34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA2810C 데이터시트(HTML) 4 Page - Motorola, Inc

  CA2810C Datasheet HTML 1Page - Motorola, Inc CA2810C Datasheet HTML 2Page - Motorola, Inc CA2810C Datasheet HTML 3Page - Motorola, Inc CA2810C Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CA2810C
4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 714F–03
ISSUE C
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. GROUND
5. +VCC
7. GROUND
8. GROUND
9. RF OUTPUT
–A–
–F–
–Z–
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
–––
1.775
–––
45.08
INCHES
B
–––
1.085
–––
27.56
C
–––
0.870
–––
22.10
D
0.018
0.022
0.46
0.56
E
0.465
0.510
11.81
12.95
F
0.300
0.325
7.62
8.25
G
0.100 BSC
2.54 BSC
J
0.156 BSC
3.96 BSC
K
0.330
0.370
8.38
9.40
L
1.000 BSC
25.40 BSC
N
0.165 BSC
4.19 BSC
P
0.100 BSC
2.54 BSC
Q
0.148
0.168
3.76
4.27
R
–––
0.595
–––
15.11
S
1.500 BSC
38.10 BSC
U
0.200 BSC
5.08 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
S
R
V
Q 2 PL
D 7 PL
A
0.25 (0.010) S T F M
M
B
–T–
N
C
X
0.51 (0.020) M T A M
–E–
L
G
1 2 3
5
7 8 9
6 32UNC–2B
A
0.25 (0.010) M Z T
M
2 PL
K
P
W
–X–
U
V
0.209
0.239
5.31
6.07
W
0.425
–––
10.80
–––
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
CA2810C/D
*CA2810C/D*


유사한 부품 번호 - CA2810C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CA2810C NXP-CA2810C Datasheet
260Kb / 4P
   The RF Line Wideband Linear Amplifier
More results

유사한 설명 - CA2810C

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
   34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
CA2818C MOTOROLA-CA2818C Datasheet
121Kb / 4P
   18.5 dB 0.35-400 MHz 1000 mWATT WIDEBAND LINEAR AMPLIFIER
CA2842C MOTOROLA-CA2842C Datasheet
126Kb / 4P
   22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
logo
Tyco Electronics
PAW788 MACOM-PAW788 Datasheet
52Kb / 1P
   40-750 MHz. 34 dB. CATV Ultra-linear Amplifier
PAW588 MACOM-PAW588 Datasheet
52Kb / 1P
   40-550 MHz. 34 dB. CATV Ultra-linear Amplifier
logo
Stealth Microwave, Inc.
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
logo
Motorola, Inc
CA2832C MOTOROLA-CA2832C Datasheet
99Kb / 4P
   35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
   1-200MHz 19.0 dB CATV Wideband Linear Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com