전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5646S700X 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN5646S700X
상세설명  Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5646S700X 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN5646S700X Datasheet HTML 1Page - Fairchild Semiconductor FAN5646S700X Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
August 2009
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5646 • Rev. 1.0.1
FAN5646
Programmable Indicator “Soft” LED Blinker with TinyWire™
Single-Wire Interface
Features
LED “Soft” Blink: with Logarithmic Fade Up and Fade
Down for Power Savings
Follow or Repeat Pattern Mode for Blinking when
Applications Processor is Powered Down
Default Pattern Optionally Modified using TinyWire™
Single-Wire Digital Control for:
LED Current Rise / Fall Time
tON and tOFF for Up to Two Pulses
High-Side Constant Current LED Driver:
20mA Maximum Output Current
80mV Drop-out at 20mA IOUT
External RSET (SC70 only) or Internal Current
Programming
35
μA Operating Quiescent Current
Short-Circuit, Under-Voltage, and Thermal Protections
Wide Input Range: 2.7 to 5.5V
4-Bump WLCSP, 0.4mm pitch or
5-Lead SC70 (EIAJ SC88)
Applications
Cell Phone
Pocket PCs and Digital Cameras
Bluetooth
® Headsets PMP and MP3 players
Description
The FAN5646 is a flexible and compact solution for a blinking
or “breathing” LED indicator. The internal programmable blink
algorithm eliminates any need for continual system processor
control. This means longer battery life for a hand-held system
because the system processor is not awakened from sleep
mode to blink an LED.
Very low dropout of 80mV allows driving an LED without any
inductors or switch capacitors. LED blink rate, rise and fall
time, and CTRL line behavior can be programmed by a
TinyWire™ single-wire digital interface. The on-time and time
between pulses can be set for up to two different pulse widths.
The default for FAN5646 option 01 is “follow” mode, where the
LED turns on with the programmed rise time, then stays on as
long as CTRL remains HIGH. When CTRL falls, the LED turns
off at the programmed fall time. For option 00; when CTRL is
HIGH continuously, the LED repeats the programmed pattern.
The FAN5646 is available in a four-pin wafer-level chip-scale
package with 0.4mm pitch or a five-lead SC70 package.
Figure 1. Typical Application
Ordering Information
Part Number
Option
Follow Bit
Default
Temperature
Range
Eco Status
Package
Packing
FAN5646UC00X
00
0
-40 to 85°C
Green
WLCSP-4, 0.4mm Pitch
Tape and Reel
FAN5646S700X
00
0
-40 to 85°C
Green
5-Lead SC70, EIAJ SC88
Tape and Reel
FAN5646UC01X
01
1
-40 to 85°C
Green
WLCSP-4, 0.4mm Pitch
Tape and Reel
FAN5646S701X
01
1
-40 to 85°C
Green
5-Lead SC70, EIAJ SC88
Tape and Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Bluetooth® is a registered trademark of Bluetooth SIG, Inc.
Important: Contact a Fairchild Semiconductor sales representative for additional performance information and specifications.


유사한 부품 번호 - FAN5646S700X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5646S700X FAIRCHILD-FAN5646S700X_11 Datasheet
554Kb / 4P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
More results

유사한 설명 - FAN5646S700X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5646 FAIRCHILD-FAN5646_11 Datasheet
554Kb / 4P
   Programmable Indicator ?쏶oft??LED Blinker with TinyWire??Single-Wire Interface
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
Micrel Semiconductor
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com