전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6210MY 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN6210MY
상세설명  Primary-Side Synchronous Rectifier (SR) Trigger Controller for Dual Forward Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6210MY 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6210MY Datasheet HTML 2Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 3Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 4Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 5Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 6Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 7Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 8Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 9Page - Fairchild Semiconductor FAN6210MY Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6210 Rev. 1.0.1
6
Typical Performance Characteristics
These characteristic graphs are normalized at TA = 25°C.
9.0
9.5
10.0
10.5
11.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
8.00
8.25
8.50
8.75
9.00
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 5. Turn-On Threshold Voltage
Figure 6. Turn-Off Threshold Voltage
270
290
310
330
350
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
100
110
120
130
140
150
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 7. Delay Time Between SIN-HIGH and
SOUT-HIGH
Figure 8. Delay Time Between SIN-LOW and
SOUT-LOW
260
280
300
320
340
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
660
680
700
720
740
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 9. High-Level Pulsewidth of XN Signal
Figure 10. High-Level Pulsewidth of XP Signal
30
40
50
60
70
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
240
260
280
300
320
340
360
380
400
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature℃
Figure 11. Delay Time to Trigger XN by SIN Rising or
Falling Edge
Figure 12. Delay Time to Trigger XP by SOUT
Rising Edge


유사한 부품 번호 - FAN6210MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6210MY FAIRCHILD-FAN6210MY Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
More results

유사한 설명 - FAN6210MY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6206 FAIRCHILD-AN-6206 Datasheet
553Kb / 9P
   Primary-Side Synchronous Rectifier (SR) Trigger Solution for Dual-Forward Converter
FAN6210 FAIRCHILD-FAN6210_10 Datasheet
494Kb / 11P
   Primary-Side Synchronous Rectifier (SR) Trigger Controller
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
   Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
Texas Instruments
UCC24636 TI1-UCC24636 Datasheet
2Mb / 35P
[Old version datasheet]   Synchronous Rectifier (SR) Controller
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
logo
Fairchild Semiconductor
SG6203 FAIRCHILD-SG6203 Datasheet
460Kb / 13P
   Synchronous Rectifier Controller for Flyback Converter
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
   High Efficiency, Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com