전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6791 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN6791
상세설명  Highly Integrated, Dual-PWM Combination Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6791 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN6791 Datasheet HTML 6Page - Fairchild Semiconductor FAN6791 Datasheet HTML 7Page - Fairchild Semiconductor FAN6791 Datasheet HTML 8Page - Fairchild Semiconductor FAN6791 Datasheet HTML 9Page - Fairchild Semiconductor FAN6791 Datasheet HTML 10Page - Fairchild Semiconductor FAN6791 Datasheet HTML 11Page - Fairchild Semiconductor FAN6791 Datasheet HTML 12Page - Fairchild Semiconductor FAN6791 Datasheet HTML 13Page - Fairchild Semiconductor FAN6791 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6791 / FAN6793 • Rev. 1.0.2
10
Typical Characteristics
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Figure 5. Startup Current IDD-ST vs. Temperature
Figure 6. IDD-OP1 vs. Temperature
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
0.0
0.5
1.0
1.5
2.0
2.5
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃
80℃
95℃ 110℃ 125℃
Figure 7. IDD-OP2 vs. Temperature
Figure 8. ID-MAX vs. Temperature
15.5
15.6
15.7
15.8
15.9
16.0
16.1
16.2
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
10.1
10.2
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Figure 9. VDD-ON vs. Temperature
Figure 10. VDD-OFF vs. Temperature
47.10
47.15
47.20
47.25
47.30
47.35
47.40
47.45
47.50
-40℃ -25℃ -10℃ 5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
63.3
63.4
63.5
63.6
63.7
63.8
63.9
64.0
64.1
64.2
64.3
64.4
-40℃ -25℃ -10℃
5℃
20℃ 35℃ 50℃ 65℃ 80℃ 95℃ 110℃ 125℃
Figure 11. OPWM Maximum Duty Cycle
vs. Temperature
Figure 12. OFYB Maximum Duty Cycle
vs. Temperature


유사한 부품 번호 - FAN6791

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6747 FAIRCHILD-FAN6747 Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6747 FAIRCHILD-FAN6747 Datasheet
427Kb / 12P
   Control a Flyback Power Supply with Peak Current Output
FAN6747LMY FAIRCHILD-FAN6747LMY Datasheet
796Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6751 FAIRCHILD-FAN6751 Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
FAN6751HLMY FAIRCHILD-FAN6751HLMY Datasheet
499Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

유사한 설명 - FAN6791

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
AN-6083 FAIRCHILD-AN-6083 Datasheet
349Kb / 9P
   Highly Integrated, Dual-PWM Combination Controller
logo
ON Semiconductor
NCP1565 ONSEMI-NCP1565_16 Datasheet
994Kb / 31P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
January, 2016 ??Rev. 4
NCP1566 ONSEMI-NCP1566 Datasheet
2Mb / 38P
   Highly Integrated Dual-Mode Active Clamp PWM Controller
July, 2019 ??Rev. 4
NCP1565 ONSEMI-NCP1565 Datasheet
113Kb / 2P
   PWM Controller, Highly Integrated Dual-Mode Active Clamp
9/17/2014
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com