전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6861 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN6861
상세설명  Low-Cost, Highly Integrated, Green-Mode PWM Controller for Peak Power Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6861 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6861 Datasheet HTML 7Page - Fairchild Semiconductor FAN6861 Datasheet HTML 8Page - Fairchild Semiconductor FAN6861 Datasheet HTML 9Page - Fairchild Semiconductor FAN6861 Datasheet HTML 10Page - Fairchild Semiconductor FAN6861 Datasheet HTML 11Page - Fairchild Semiconductor FAN6861 Datasheet HTML 12Page - Fairchild Semiconductor FAN6861 Datasheet HTML 13Page - Fairchild Semiconductor FAN6861 Datasheet HTML 14Page - Fairchild Semiconductor FAN6861 Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6861 • Rev. 1.0.1
11
Protections
Self-protective functions include VDD Over-Voltage
Protection
(OVP),
Open-Loop/Overload
Protection
(OLP),
Over-Current
Protection
(OCP),
Over-
Temperature Protection (OTP). Among them, OLP,
OCP, and SCP are auto-restart mode protections; while
OVP and OTP are latch-mode protections.
Auto-Restart Mode Protection:
Once a fault condition
is detected, switching is terminated and the MOSFET
remains off. This causes VDD to fall because no more
power is delivered from auxiliary winding. When VDD
falls to VDD-OFF (9.5V), the protection is reset and the
operating current reduces to startup current, which
causes VDD to rise. FAN6861 resumes normal operation
when VDD reaches VDD-ON (17.5V). In this manner, the
auto-restart can alternately enable and disable the
switching of the MOSFET until the fault condition is
eliminated (see Figure 21).
Latch-Mode
Protection:
Once this protection is
triggered, switching is terminated and the MOSFET
remains off. The latch is reset only when VDD is
discharged below 4V by unplugging AC power line.
Fault
Situation
9.5V
17.5V
VDD
Vds
Protection Triggers
Fault Removed
Normal
Operation
Normal
Operation
Power
On
Operating Current
3mA
8uA
Figure 21. Auto Restart Operation
Two-Level Over-Current Protection (OCP)
FAN6861 has two levels of over-current protection
thresholds. One is for pulse-by-pulse current limit,
which turns off MOSFET for the remainder of the
switching cycle when the sensing voltage of MOSFET
drain current reaches the threshold. The other threshold
is for the over-current protection, which shuts down the
MOSFET gate when the sensing voltage of MOSFET
drain current is above the threshold longer than the
shutdown delay time (780ms).
This two-level OCP protection is designed for
applications with peak load characteristics, such as
printers and scanners.
These applications have motor load and inherently
impose over-load condition on the power supply during
acceleration mode. Therefore, the protection circuit
should be triggered after a specified time to determine
whether it is a transient situation or an abnormal
situation.
Figure 22. Two-Level OCP Operation
Open-Loop / Over-Load Protection (OLP)
When the upper branch of the voltage divider for the
shunt regulator (KA431 shown) is broken, as shown in
Figure 23, there is no current flowing through the opto-
coupler transistor, which pulls up the feedback voltage
to 5.2V.
When the feedback voltage is above 4.6V longer than
780ms, OLP is triggered. This protection is also
triggered when the SMPS output drops below the
nominal value longer than 780ms due to the overload
condition.
5.2V
VFB-OLP
OLP Shutdown Delay Time
OLP Triggers
VFB
(4.6V)
Figure 23. OLP Operation


유사한 부품 번호 - FAN6861

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6861 FAIRCHILD-FAN6861 Datasheet
468Kb / 12P
   a Flyback Power Supply with Peak Load Current Profile
More results

유사한 설명 - FAN6861

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com