전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C650ACQ48 데이터시트(PDF) 1 Page - Exar Corporation

부품명 ST16C650ACQ48
상세설명  2.90V TO 5.5V UART WITH 32-BYTE FIFO
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C650ACQ48 데이터시트(HTML) 1 Page - Exar Corporation

  ST16C650ACQ48 Datasheet HTML 1Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 2Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 3Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 4Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 5Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 6Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 7Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 8Page - Exar Corporation ST16C650ACQ48 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
ST16C650A
2.90V TO 5.5V UART WITH 32-BYTE FIFO
JUNE 2009
REV. 5.0.2
GENERAL DESCRIPTION
The ST16C650A1 (650A) is a 2.90 to 5.5 volt
Universal Asynchronous Receiver and Transmitter
(UART) with 5 volt tolerant inputs. This device
supports Intel and PC ISA mode data bus interfaces
and is software compatible to industry standard
16C450, 16C550, and ST16C580 UARTs.
The 650A has 32 bytes of TX and RX FIFOs and is
capable of operating up to serial data rates of 3.125
Mbps at 5 volt supply voltage. The internal registers
include the 16C550 register set plus Exar’s enhanced
registers for additional features to support today’s
highly demanding data communication needs. The
enhanced features include automatic hardware and
software flow control, selectable TX and RX trigger
levels, and wireless infrared (IrDA) encoder/decoder.
The device provides a new capability to give user the
ability to program the wireless infrared encoder
output pulse width, hence reducing the power
consumption of a handheld unit.
The ST16C650A device comes in the 44-pin PLCC
and 48-pin TQFP packages in both the commercial
and industrial temperature ranges.
NOTE: 1 Covered by US patents #5,649,122.
FEATURES
Added features in devices with a top mark date code
of "HC YYWW" and newer:
2.90 to 5.5 Volt Operation
5 Volt Tolerant Inputs
Automatic RS485 Half-Duplex Control Output
Programmable Infrared Encoder Pulse Width
Sleep Mode with Wake-up Indicator
Device ID & Revision
Up to 3.125 Mbps Data Rate at 5 Volts
Added feature in devices with a top mark date code of
"I2 YYWW" and newer:
0 ns address hold time
Intel or PC Mode 8-bit Bus Interface
32-byte Transmit and Receive FIFOs
Automatic Hardware (RTS/CTS) Flow Control
Hardware Flow Control Hysteresis
Automatic Software (Xon/Xoff) Flow Control
APPLICATIONS
Battery Operated Electronics
Handheld Terminal
Personal Digital Assistants
Cellular Phones DataPort
Wireless Infrared Data Communications Systems
FIGURE 1. BLOCK DIAGRAM
XTAL1/CLK
XTAL2
Crystal Osc/Buffer
DTR#, DSR#,
RTS#, CTS#,
CD#, RI#
Intel or
PC Data
Bus
Interface
32 Byte TX FIFO
Baud Rate Generator
Infrared Encoder and
Pulse Width Control
Transmitter
UART
Configuration
Regs
IOR
IOR#
32 Byte RX FIFO
Infrared
Decoder
Receiver with Auto
Software Flow Control
Modem Control Signals
TX
RX
CTS Flow
Control
RTS Flow
Control
BRG
Prescaler
CS1
CS0
DDIS#
INT
TXRDY#
RDRDY#
A2:A0
D7:D0
IOW
CS2#
SEL
S1
S2
S3
IRQA
IRQB
IRQC
IOW#
RESET
PC Mode:
COM 1 to 4
Decode Logic


유사한 부품 번호 - ST16C650ACQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C650ACQ48 EXAR-ST16C650ACQ48 Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650ACQ48 EXAR-ST16C650ACQ48 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
More results

유사한 설명 - ST16C650ACQ48

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C650A EXAR-ST16C650A Datasheet
666Kb / 53P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
ST16C650A_0508 EXAR-ST16C650A_0508 Datasheet
1Mb / 52P
   2.90V TO 5.5V UART WITH 32-BYTE FIFO
XR16L651 EXAR-XR16L651 Datasheet
632Kb / 56P
   2.25V TO 5.5V UART WITH 32-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com