전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST432 데이터시트(PDF) 2 Page - Stanson Technology

부품명 ST432
상세설명  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST432 데이터시트(HTML) 2 Page - Stanson Technology

  ST432 Datasheet HTML 1Page - Stanson Technology ST432 Datasheet HTML 2Page - Stanson Technology ST432 Datasheet HTML 3Page - Stanson Technology ST432 Datasheet HTML 4Page - Stanson Technology ST432 Datasheet HTML 5Page - Stanson Technology ST432 Datasheet HTML 6Page - Stanson Technology ST432 Datasheet HTML 7Page - Stanson Technology ST432 Datasheet HTML 8Page - Stanson Technology ST432 Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ST432
Adjustable Precision Shunt Regulator
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
ST432 2007. V1
PIN DESCRIPTION
Pin
Symbol
Description
1
R
REF
2
C
CATHODE
3
A
ANODE
ORDERING INFORMATION
Part Number
Voltage Tolerance
Package
Part Marking
ST432AS23RG
0.5%
SOT-23
32AYW
ST432BS23RG
1.0%
SOT-23
32BYW
ST432AS25RG
0.5%
SOT-23-5L
32AYW
ST432BS25RG
1.0%
SOT-23-5L
32BYW
ST432BT92AG
1.0%
TO-92
SP432B
ST432AS35RG
0.5%
SOT-353
32AYW
ST432BS35RG
1.0%
SOT-353
32BYW
Week Code : A ~ Z ( 1 ~ 26 ) ; a ~ z ( 27 ~ 52 )
ST432XS23RG : X: Tolerance; R: Tape Reel; A: Tape Ammo; G: Pb – Free


유사한 부품 번호 - ST432

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA103MLZ COILCRAFT-ST432PNA103MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA104MLZ COILCRAFT-ST432PNA104MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA123MLZ COILCRAFT-ST432PNA123MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST432PNA153MLZ COILCRAFT-ST432PNA153MLZ Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
More results

유사한 설명 - ST432

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com