전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST7407 데이터시트(PDF) 3 Page - Stanson Technology

부품명 ST7407
상세설명  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST7407 데이터시트(HTML) 3 Page - Stanson Technology

  ST7407 Datasheet HTML 1Page - Stanson Technology ST7407 Datasheet HTML 2Page - Stanson Technology ST7407 Datasheet HTML 3Page - Stanson Technology ST7407 Datasheet HTML 4Page - Stanson Technology ST7407 Datasheet HTML 5Page - Stanson Technology ST7407 Datasheet HTML 6Page - Stanson Technology ST7407 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST7407
P Channel Enhancement Mode MOSFET
-3.4A
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST7407 2006. V1
3
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA -0.35
-0.8
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±
100 nA
VDS=-20V,VGS=0V
-1
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
TJ=55℃
-5.0
uA
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V
VDS≦-5V,VGS=-2.5V
-6
-3
A
Drain-source On-Resistance
RDS(on)
VGS=-4.5V,ID=-3.4A
VGS=-2.5V,ID=-2.4A
VGS=-1.8V,ID=-1.8A
0.090
0.115
0.150
0.100
0.125
0.170
Ω
Forward Transconductance
gfs
VDS=-5V,ID=-2.8V
6.0
S
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-0.8 -1.2
V
Dynamic
Total Gate Charge
Qg
4.8
8.0
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
VDS=-6V
VGS=-4.5V
ID≣-2.8A
1.0
nC
Input Capacitance
Ciss
485
Output Capacitance
Coss
85
Reverse Transfer
Capacitance
Crss
VDS=-6.0V
VGS=0V
F=1MHz
40
pF
10
16
Turn-On Time
td(on)
tr
13
23
18
25
Turn-Off Time
td(off)
tf
VDD=-6V
RL=6Ω
ID=-1.0A
VGEN=-4.5V
RG=6Ω
15
20
nS


유사한 부품 번호 - ST7407

제조업체부품명데이터시트상세설명
logo
Stanson Technology
ST7400 STANSON-ST7400 Datasheet
389Kb / 8P
   ST7400 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results

유사한 설명 - ST7407

제조업체부품명데이터시트상세설명
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com