전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP9435S8RG 데이터시트(PDF) 1 Page - Stanson Technology

부품명 STP9435S8RG
상세설명  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP9435S8RG 데이터시트(HTML) 1 Page - Stanson Technology

  STP9435S8RG Datasheet HTML 1Page - Stanson Technology STP9435S8RG Datasheet HTML 2Page - Stanson Technology STP9435S8RG Datasheet HTML 3Page - Stanson Technology STP9435S8RG Datasheet HTML 4Page - Stanson Technology STP9435S8RG Datasheet HTML 5Page - Stanson Technology STP9435S8RG Datasheet HTML 6Page - Stanson Technology STP9435S8RG Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STP9435
P Channel Enhancement Mode MOSFET
-
5.6A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STP9435 2007. V1
DESCRIPTION
ST9435 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as battery pack, notebook
computer power management, and other battery powered circuits.
PIN CONFIGURATION
SOP-8
PART MARKING
SOP-8
ORDERING INFORMATION
Part Number
Package
Part Marking
STP9435S8RG
SOP-8P
STP9435
STP9435S8TG
SOP-8P
STP9435
Process Code : A ~ Z ; a ~ z
STP9435S8RG
S8 : SOP-8 ; R : Tape Reel ; G : Pb – Free
STP9435S8TG
S8 : SOP-8 ; T : Tube ; G : Pb – Free
FEATURE
-30V/-5.6A, RDS(ON) = 60mΩ
@VGS = -10V
-30V/-5.0A, RDS(ON) = 70mΩ
@VGS = -6.0V
-30V/-4.4A, RDS(ON) = 80mΩ
@VGS = -4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum DC
current capability
SOP-8 package design


유사한 부품 번호 - STP9435S8RG

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STP9435 VBSEMI-STP9435 Datasheet
860Kb / 8P
   P-Channel 30-V (D-S) MOSFET
STP9435A VBSEMI-STP9435A Datasheet
860Kb / 8P
   P-Channel 30-V (D-S) MOSFET
STP9435M-TRG VBSEMI-STP9435M-TRG Datasheet
860Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - STP9435S8RG

제조업체부품명데이터시트상세설명
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com