전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS4897AC 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS4897AC
상세설명  Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4897AC 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS4897AC Datasheet HTML 1Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 2Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 3Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 4Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 5Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 6Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 7Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 8Page - Fairchild Semiconductor FDS4897AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2008 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FDS4897AC Rev.C
Typical Characteristics (Q1 N-Channel) T
J = 25 °C unless otherwise noted
Figure 1.
0.0
0.5
1.0
1.5
2.0
0
4
8
12
16
20
24
V
GS = 3 V
V
GS = 3.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
V
GS = 4.5 V
V
GS = 4 V
V
GS = 10 V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0
4
8
1216
2024
0.5
1
2
3
4
5
V
GS = 3.5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 4 V
V
GS = 4.5 V
V
GS = 3 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 6.1 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
2
468
10
10
20
30
40
50
60
70
80
ID = 6.1 A
TJ = 125 oC
TJ = 25 oC
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
12
34
0
4
8
12
16
20
24
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 µs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
40
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


유사한 부품 번호 - FDS4897AC

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDS4897AC-NL VBSEMI-FDS4897AC-NL Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - FDS4897AC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD8426H FAIRCHILD-FDD8426H Datasheet
469Kb / 11P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDS8958B FAIRCHILD-FDS8958B Datasheet
434Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m廓 Q2-P-Channel: -30 V, -4.5 A, 51 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDMC8327L FAIRCHILD-FDMC8327L Datasheet
400Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40 V, 14 A, 9.7 m廓
FDMC8588 FAIRCHILD-FDMC8588 Datasheet
366Kb / 7P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDMC8588DC FAIRCHILD-FDMC8588DC Datasheet
401Kb / 8P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
FDS8638 FAIRCHILD-FDS8638 Datasheet
286Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 18 A, 4.3 m廓
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
FDD6796 FAIRCHILD-FDD6796 Datasheet
287Kb / 6P
   N-Channel PowerTrench짰 MOSFET 25 V, 40 A, 5.7 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com