전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB214A 데이터시트(PDF) 11 Page - Summit Microelectronics, Inc.

부품명 SMB214A
상세설명  High-power, Three-channel Programmable DC-DC System Power Managers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214A 데이터시트(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMB214A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 11Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 12Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 13Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
11
AC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.) Note 4
Symbol
Description
Conditions
Min
Typ
Max
Unit
1.5
12.5
25
tPPTO
Programmable power-On
sequence timeout period.
Programmable
power-on
sequence
position to sequence position delay.
50
ms
1.5
12.5
25
tDPOFF
Programmable power-off
sequence timeout period.
Programmable power-off sequence
position to sequence position delay.
50
ms
OFF
50
100
tPST
Programmable sequence
termination period
Time between active enable in which
corresponding outputs must exceed there
programmed under voltage threshold. If
exceeded, a force shutdown will be
initiated.
200
ms
0
tPGF
Programmable glitch filter
Period for which fault must persist before
fault triggered actions are taken.
8
µs
25
50
100
tRESET
Reset timeout period
Applicable when HEALTHY pin is used as
an nRESET output pin. Programmable
time following assertion of last supply
before nRESET pin is released high.
200
ms
400
200
100
67
50
33
25
SRREF
Programmable slew rate
reference
Adjustable slew rate factor proportional to
output slew rate.
20
V/s
Channels 0 to 2
tRL
LS Driver output rise time
CG=100pF, VBATT=4.2V
4.2
ns
tFL
LS Driver output fall time
CG=100pF, VBATT=4.2V
4.2
ns
tRL
HS Driver output rise time
CG=100pF, VBATT=4.2V
2.9
ns
tFL
HS Driver output fall time
CG=100pF, VBATT=4.2V
2.9
ns
High to low transition on HSDRV
30
tDT
Driver non-overlap delay
Low to high transition on buck HSDRV
60
ns
Note 4: Timing specifications are 20% shorter for the SMB214C device and 60% longer for SMB214A.


유사한 부품 번호 - SMB214A

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
More results

유사한 설명 - SMB214A

제조업체부품명데이터시트상세설명
logo
Summit Microelectronics...
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
   High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
   High-power, Four-channel Programmable DC-DC System Power Managers
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
   Five Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
   Four Channel Programmable DC-DC System Power Manager
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
   Nine-Channel DC/DC Digitally Programmable System Power Manager
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
   Seven-Channel Programmable DC-DC Power Manager
logo
B&K Precision Corporati...
PVS10005 BK-PVS10005 Datasheet
727Kb / 6P
   High Power Programmable DC Power Supplies
logo
Summit Microelectronics...
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
   Programmable Power Managers with Digital Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com