전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2312 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FPF2312
상세설명  Dual-Output Adjustable Current Limit Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2312 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FPF2312 Datasheet HTML 1Page - Fairchild Semiconductor FPF2312 Datasheet HTML 2Page - Fairchild Semiconductor FPF2312 Datasheet HTML 3Page - Fairchild Semiconductor FPF2312 Datasheet HTML 4Page - Fairchild Semiconductor FPF2312 Datasheet HTML 5Page - Fairchild Semiconductor FPF2312 Datasheet HTML 6Page - Fairchild Semiconductor FPF2312 Datasheet HTML 7Page - Fairchild Semiconductor FPF2312 Datasheet HTML 8Page - Fairchild Semiconductor FPF2312 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2310/12/13/13L • Rev. 1.1.2
3
Pin Configuration
Figure 4. 8-Lead MLP 3x3mm (Bottom View)
Pin Description
Pin
Name
Function
1
GND
Ground
2
IN
Supply Input: Input to the power switch and the supply voltage for the IC.
3
ONA
ON / OFF control input of power switch A.
4
ONB
ON / OFF control input of power switch B.
5
ISETB
Current limit set input for power switch B: A resistor from ISET to ground sets the current limit for
the switch.
6
OUTB
Switch Output: output of the power switch B.
7
OUTA
Switch Output: output of the power switch A.
8
ISETA
Current limit set input for power switch A: A resistor from ISET to ground sets the current limit for
the switch.
9
Thermal Pad
IC substrate, which can be connected to GND for better thermal performance. Do not connect to
other pins.
GND
IN
ONA
OUTB
ISETA
MLP 3X3 8L Bottom View
8
7
63
2
1
OUTA
ISETB 5
ONB
4
9


유사한 부품 번호 - FPF2312

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2312MPX FAIRCHILD-FPF2312MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

유사한 설명 - FPF2312

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com