전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2303MX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FPF2303MX
상세설명  Dual-Output Current Limit Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2303MX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FPF2303MX Datasheet HTML 6Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 7Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 8Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 9Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 10Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 11Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 12Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 13Page - Fairchild Semiconductor FPF2303MX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2300/02/03 • Rev. 1.1.3
10
Typical Characteristics
OUTB
2V/DIV
IN = 5V
ON = 3.3V
COUTA = 100μF
COUTB = 100μF
RLA = RLB = 1Ω
IN
5V/DIV
ON
2V/DIV
400μs/DIV
OUTA
2V/DIV
Figure 33. Inrush Response During Capacitive Load
Hot Plug-In Event
Figure 31. Current Limit Response Time Both
Channels are in OC
Figure 32. Startup FLAGB Blanking Time
Figure 34. Inrush Response During Capacitive and
Resistive Load Hot Plug-In Event
FLAGB(B)
2V/DIV
IN = 5V
ON = 3.3V
COUTA = 100μF
COUTB = 100μF
RLA = RLB = 1Ω
IN
5V/DIV
ON
2V/DIV
10ms/DIV
FLAGB(A)
2V/DIV
OUT
5V/DIV
IN = 5V
COUT = 47μF
CL = 470μF
RL = 5Ω
IN
5V/DIV
ON
5V/DIV
1ms/DIV
IOUT
500mA/DIV
OUT
5V/DIV
IN = 5V
CIN = 10μF
COUT = 100μF
CL = 47μF
IN
5V/DIV
ON
5V/DIV
200μs/DIV
IOUT
2A/DIV


유사한 부품 번호 - FPF2303MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310MPX FAIRCHILD-FPF2310MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2312 FAIRCHILD-FPF2312 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

유사한 설명 - FPF2303MX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2310 FAIRCHILD-FPF2310 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546_08 Datasheet
279Kb / 15P
   Dual Programable Current Limit Switch
logo
Texas Instruments
PT5071-12V TI1-PT5071-12V Datasheet
150Kb / 4P
[Old version datasheet]   Output Current Limit
logo
Micrel Semiconductor
MIC2546 MICREL-MIC2546 Datasheet
262Kb / 12P
   Dual Programmable Current Limit Switch Preliminary Information
logo
Texas Instruments
OPA2674 TI-OPA2674 Datasheet
617Kb / 33P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com