전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2310MPX 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FPF2310MPX
상세설명  Dual-Output Adjustable Current Limit Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2310MPX 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FPF2310MPX Datasheet HTML 1Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 2Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 3Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 4Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 5Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 6Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 7Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 8Page - Fairchild Semiconductor FPF2310MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2310/12/13/13L • Rev. 1.1.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Notes:
1.
Soldered thermal pad on a two-layer PCB without vias based on JEDEC STD 51-3.
2.
Soldered thermal pad on a four-layer PCB without vias connected with GND plane based on JEDEC STD51-5, 7.
Recommended Operating Range
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
IN, OUTA, OUTB, ON to GND
-0.3
6.0
V
PD
Power Dissipation
0.6(1.)
W
2.2(2.)
TSTG
Storage Temperature
-65
+150
°C
ΘJA
Thermal Resistance, Junction-to-Ambient
216(1.)
°C/W
57(2.)
ESD
Electrostatic Discharge Protection
Human Body Model, JESD22-A114
4000
V
Charged Device Model, JESD22-C101
2000
V
Symbol
Parameter
Min.
Max.
Unit
IN
Supply Input
1.8
5.5
V
TA
Ambient Operating Temperature
-40
+85
°C


유사한 부품 번호 - FPF2310MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2310MPX FAIRCHILD-FPF2310MPX_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results

유사한 설명 - FPF2310MPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
FPF2300 FAIRCHILD-FPF2300 Datasheet
1Mb / 19P
   Dual-Output Current Limit Switch
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
   Adjustable Current Limit Power Distribution Switch
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com