전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM59D03G2 데이터시트(PDF) 7 Page - SyncMOS Technologies,Inc

부품명 SM59D03G2
상세설명  8-Bits Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59D03G2 데이터시트(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM59D03G2 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
SM59D03G2
8-Bits Micro-controller
8KB+ ISP Flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M030
7
Ver.C SM59D03G2 07/2009
Special Function Register (SFR)
Address 80h to FFh is the location of SM59D03G2 special function register (SFR). These locations
must be accessed by direct addressing mode only.
The following table gives the SFRs, part of them are identically located and defined as the general
8052 series:
Table: SM59D03G2 SFR location
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8
KBLS
KBE
KBF
FF
F0
B
ISPFAH
ISPFAL
ISPFD
ISPC
F7
E8
EF
E0
ACC
E7
D8
P4
DF
D0
PSW
D7
C8
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
CF
C0
C7
B8
IP
IP1
SCONF
BF
B0
P3
RCON
B7
A8
IE
IE1
AF
A0
P2
PCAC1
PCAC2
CC0CON
CC1CON
CC2CON
CC3CON
CC4CON
A7
98
SCON
SBUF
PCACH
PCACL
CC0DH
CC0DL
CC1DH
CC1DL
9F
90
P1
CC2DH
CC2DL
CC3DH
CC3DL
CC4DH
CC4DL
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
WDTC
WDTK
8F
80
P0
SP
DPL
DPH
DPL1
DPH1
DPS
PCON
87
Here is the simple description and initial value of the above SFR. A detailed explanation is given in
later sections.
Table:SFR description and initial value
Register
Location
Initial value
Description
P0
80h
FFh
Port 0
SP
81h
07h
Stack Pointer
DPL
82h
00h
Data Pointer Low byte
DPH
83h
00h
Data Pointer High byte
DPL1
84h
00h
Data Pointer 1 Low byte
DPH1
85h
00h
Data Pointer 1 High byte
DPS
86h
00h
Data Pointer select
PCON
87h
00h
Power control register
TCON
88h
00h
Timer control register
TMOD
89h
00h
Timer Mode
TL0
8Ah
00h
Timer 0 low byte
TL1
8Bh
00h
Timer 1 low byte
TH0
8Ch
00h
Timer 0 high byte


유사한 부품 번호 - SM59D03G2

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
More results

유사한 설명 - SM59D03G2

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com