전자부품 데이터시트 검색엔진 |
|
SM59364 데이터시트(PDF) 4 Page - SyncMOS Technologies,Inc |
|
SM59364 데이터시트(HTML) 4 Page - SyncMOS Technologies,Inc |
4 / 19 page SyncMOS Technologies International, Inc. SM59364 8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded Specifications subject to change without notice contact your sales representatives for the most recent information. IDMMX-0033 Ver B SM59364 04/2008 4 Pin Description 32L PLCC Pin# Symbol Active I/O Names 4 RES H i Reset 5 P3.0/RXD i/o bit 0 of port 3 & Receiver data 6 P3.1/TXD i/o bit 1 of port 3 & Transmit data 7 P3.2/#INT0 L/- i/o bit 2 of port 3 & low true interrupt 0 8 P3.3/#INT1 L/- i/o bit 3 of port 3 & low true interrupt 1 9 P3.4/T0 i/o bit 4 of port 3 & Timer 0 10 P3.5/T1 i/o bit 5 of port 3 & Timer 1 11 P3.6/#WR i/o bit 6 of port 3 & ext. memory write 12 P3.7/#RD i/o bit 7 of port 3 & ext. memory read 13 XTAL2 o Crystal out 14 XTAL1 i Crystal in 15 VSS Sink Voltage, Ground 16 P2.0/A8 i/o bit 0 of port 2 & bit 8 of ext. memory address 17 P2.1/A9 i/o bit 1 of port 2 & bit 9 of ext. memory address 18 P2.2/A10 i/o bit 2 of port 2 & bit 10 of ext. memory address 19 P2.3/A11 i/o bit 3 of port 2 & bit 11 of ext. memory address 20 P2.4/A12 i/o bit 4 of port 2 & bit 12 of ext. memory address 21 P2.5/A13 i/o bit 5 of port 2 & bit 13 of ext. memory address 22 P2.6/A14 i/o bit 6 of port 2 & bit 14 of ext. memory address 23 P2.7/A15 i/o bit 7 of port 2 & bit 15 of ext. memory address 24 #PSEN L o program storage enable 25 ALE - o address latch enable 26 #EA L I external access 27 P0.7/AD7 i/o bit 7 of port 0 & data/address bit 7 of ext. memory 28 P0.6/AD6 i/o bit 6 of port 0 & data/address bit 6 of ext. memory 29 P0.5/AD5 i/o bit 5 of port 0 & data/address bit 5 of ext. memory 30 P0.4/AD4 i/o bit 4 of port 0 & data/address bit 4 of ext. memory 31 P0.3/AD3 i/o bit 3 of port 0 & data/address bit 3 of ext. memory 32 P0.2/AD2 i/o bit 2 of port 0 & data/address bit 2 of ext. memory 1 P0.1/AD1 i/o bit 1 of port 0 & data/address bit 1 of ext. memory 2 P0.0/AD0 i/o bit 0 of port 0 & data/address bit 0 of ext. memory 3 VDD Drive Voltage Special Function Register (SFR) The address $80 to $FF can be accessed by direct addressing mode only. Address $80 to $FF is SFR area. The following table lists the SFRs which are identical to general 8052 as well as SM59364 Extension SFRs . |
유사한 부품 번호 - SM59364 |
|
유사한 설명 - SM59364 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |