전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1900 데이터시트(PDF) 1 Page - Transcom, Inc.

부품명 TC1900
상세설명  30 KHz - 12 GHz MMIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1900 데이터시트(HTML) 1 Page - Transcom, Inc.

  TC1900 Datasheet HTML 1Page - Transcom, Inc. TC1900 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC1900
REV3_20060525
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 2
30 KHz - 12 GHz MMIC
FEATURES
• P
-1 dB: 17 dBm
• Small Signal Gain: 8.5 dB
• IP3: 25 dBm
• Bias Condition: 250 mA @ 8 V
DESCRIPTION
The TC1900 is a broadband general-purpose medium power MMIC amplifier that operates in the 30 KHz
to 12 GHz frequency range. The amplifier provides a minimum 7 dB of gain and delivers 17 dBm of
output power. The MMIC is fabricated using a mature GaAs PHEMT process. The process features all
passivation for increased performance and reliability. All devices are 100% DC tested to assure consistent
quality. Bond pads are gold plated for either thermocompression or thermosonic wire bonding. Backside
gold plating is compatible with standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
0.00003
12
GHz
SSG
Small Signal Gain
7
8.5
dB
GOF
Small Signal Gain Flatness
± 0.5
± 0.7
dB
P-1 dB
Output Power at 1 dB Gain Compression
17
18
dBm
P-3 dB
Output Power at 3 dB Gain Compression
21
22
dBm
IP3
Third Order Intercept Point
24
25
dBm
VSWR, IN
Input VSWR
1.8:1
-
VSWR,
OUT
Output VSWR
1.8:1
-
VDD
Supply Voltage
8
Volt
Vg
Gate Voltage
-0.5
-1.0
-1.5
Volt
IDD
Current Supply Without RF
225
250
275
mA
IDP-1
Current Supply @ Pout = P-1 dB
250
275
mA
PHOTO ENLARGEMENT


유사한 부품 번호 - TC1900

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
More results

유사한 설명 - TC1900

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Mimix Broadband
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
   30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
   30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
Mimix Broadband
CMM3020-BD MIMIX-CMM3020-BD_06 Datasheet
93Kb / 2P
   30 kHz-20 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD Datasheet
863Kb / 5P
   30 kHz to GHz GaAs MMIC Optical Modulator Driver Amplifer
CMM3030-BD MIMIX-CMM3030-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-30.0 GHz GaAs MMIC
D1008-QH MIMIX-D1008-QH Datasheet
1Mb / 9P
   30.0 kHz-32.0 GHz GaAs MMIC
CMM3020-BD MIMIX-CMM3020-BD_10 Datasheet
1Mb / 8P
   30.0 kHz-20.0 GHz GaAs MMIC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com