전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1953P 데이터시트(PDF) 2 Page - Transcom, Inc.

부품명 TC1953P
상세설명  13.75 - 14.75 GHz 1W MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1953P 데이터시트(HTML) 2 Page - Transcom, Inc.

  TC1953P Datasheet HTML 1Page - Transcom, Inc. TC1953P Datasheet HTML 2Page - Transcom, Inc. TC1953P Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC1953P
REV3_20060525
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2/ 3
TYPICAL PERFORMANCE
10
12
14
16
18
13.75
14
14.25
14.5
Freq
(GHz)
-30
-25
-20
-15
-10
-5
0
13.75
14
14.25
14.5
S22
S11
Freq
(GHz)


유사한 부품 번호 - TC1953P

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
More results

유사한 설명 - TC1953P

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Excelics Semiconductor,...
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
   13.75 - 14.50 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com