전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC2471 데이터시트(PDF) 2 Page - Transcom, Inc.

부품명 TC2471
상세설명  0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCOM [Transcom, Inc.]
홈페이지  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2471 데이터시트(HTML) 2 Page - Transcom, Inc.

  TC2471 Datasheet HTML 1Page - Transcom, Inc. TC2471 Datasheet HTML 2Page - Transcom, Inc. TC2471 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC2471
REV4_20070906
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
ABSOLUTE MAXIMUM RATINGS (TA=25
°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
VGS
Gate-Source Voltage
-5 V
IDS
Drain Current
IDSS
Pin
RF Input Power, CW
26 dBm
PT
Continuous Dissipation
1.9 W
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°Cto +175 °C
RECOMMANDED OPERATING CONDITION
Symbol
Parameter
Rating
VDS
Drain to Source Voltage
8 V
ID
Drain Current
120 mA
HANDLING PRECAUTIONS:
The user must operate in a clean, dry environment. Electrostatic
Discharge (ESD) precautions should be observed at all stages of
storage, handling, assembly, and testing. The static discharge
must be less than 300V.
TYPICAL SCATTERING PARAMETERS (TA=25
°C)
VDS = 8 V, IDS = 120 mA
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
9GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
0.15
0.0375
Per Div
S12
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
9GHz
Swp Min
2GHz
S22
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.8199
-145.81
5.7658
68.93
0.0387
4.89
0.4708
-84.58
3
0.7843
-179.36
4.2624
36.13
0.0399
-13.26
0.4977
-109.23
4
0.7452
152.75
3.4804
7.01
0.0403
-26.19
0.5295
-128.52
5
0.6992
123.46
3.0675
-21.51
0.0415
-38.13
0.5523
-145.68
6
0.6519
88.70
2.8445
-51.64
0.0462
-48.77
0.5654
-161.74
7
0.6272
46.67
2.7416
-84.42
0.0538
-63.69
0.5626
-177.61
8
0.6475
-1.92
2.6175
-120.45
0.0652
-86.78
0.5367
164.94
9
0.7296
-52.48
2.3753
-161.03
0.0752
-117.25
0.4441
144.53


유사한 부품 번호 - TC2471

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
217Kb / 6P
   60.8 MM 5 X 8 DOT MATRIX DISPLAYS
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11SRWA KINGBRIGHT-TC24-11SRWA Datasheet
149Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

유사한 설명 - TC2471

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TC2481 TRANSCOM-TC2481 Datasheet
203Kb / 4P
   0.5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2676 TRANSCOM-TC2676 Datasheet
186Kb / 3P
   2 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2876 TRANSCOM-TC2876 Datasheet
52Kb / 2P
   5 W Low-Cost Packaged PHEMT GaAs Power FETs
TC2491 TRANSCOM-TC2491 Datasheet
104Kb / 3P
   0.5 W Flange Ceramic Packaged PHEMT GaAs Power FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2591 TRANSCOM-TC2591 Datasheet
74Kb / 3P
   1 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC2696 TRANSCOM-TC2696 Datasheet
54Kb / 2P
   2 W Flange Ceramic Packaged PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
   2 W Packaged Single-Bias PHEMT GaAs Power FETs
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com