전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8427-CZZ 데이터시트(PDF) 1 Page - Cirrus Logic

부품명 CS8427-CZZ
상세설명  96 kHz Digital Audio Interface Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CZZ 데이터시트(HTML) 1 Page - Cirrus Logic

  CS8427-CZZ Datasheet HTML 1Page - Cirrus Logic CS8427-CZZ Datasheet HTML 2Page - Cirrus Logic CS8427-CZZ Datasheet HTML 3Page - Cirrus Logic CS8427-CZZ Datasheet HTML 4Page - Cirrus Logic CS8427-CZZ Datasheet HTML 5Page - Cirrus Logic CS8427-CZZ Datasheet HTML 6Page - Cirrus Logic CS8427-CZZ Datasheet HTML 7Page - Cirrus Logic CS8427-CZZ Datasheet HTML 8Page - Cirrus Logic CS8427-CZZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
www.cirrus.com
CS8427
96 kHz Digital Audio Interface Transceiver
Features
Complete EIAJ CP1201, IEC-60958, AES3,
S/PDIF-compatible Transceiver
+5.0 V Analog Supply (VA+)
+3.3 V or +5.0 V Digital Interface (VL+)
Flexible 3-wire Serial Digital I/O Ports
Adjustable Sample Rate up to 96 kHz
Low-jitter Clock Recovery
Pin and Microcontroller Read/Write Access to
Channel Status and User Data
Microcontroller and Standalone Modes
Differential Cable Driver and Receiver
On-chip Channel Status and User Data Buffer
Memories Permit Block Reads & Writes
OMCK System Clock Mode
Decodes Audio CD Q Sub-code
General Description
The CS8427 is a stereo digital audio transceiver with
AES3 and serial digital audio inputs, AES3 and serial
digital audio outputs, and includes comprehensive con-
trol ability through a 4-wire microcontroller port. Channel
status and user data are assembled in block-sized buff-
ers, making read/modify/write cycles easy.
A low-jitter clock recovery mechanism yields a very clean
recovered clock from the incoming AES3 stream.
Target applications include A/V receivers, CD-R, DVD
receivers, multimedia speakers, digital mixing consoles,
effects processors, set-top boxes, and computer and au-
tomotive audio systems.
The CS8427 is available in 28-pin SOIC and TSSOP
packages in Commercial (-10°C to +70°C) and Automo-
tive (-40°C to +85°C) grades. The CDB8427 Customer
Demonstration Board is also available for device evalu-
ation and implementation suggestions. Please see
“Ordering Information” on page 49 for complete details.
I
Serial
Audio
Input
Clock &
Data
Recovery
Misc.
Control
AES3
S/PDIF
Encoder
Serial
Audio
Output
Receiver
AES3
S/PDIF
Decoder
C& U bit
Data
Buffer
Control
Port &
Registers
Output
Clock
Generator
RXN
RXP
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
RST
OMCK
EMPH U TCBL SDA/
CDOUT
SCL/
CCLK
AD1/
CDIN
AD0/
CS
INT
VA+ AGND FILT
RERR
VL +
DGND
H/S
RMCK
Driver
OCT ‘09
DS477F4


유사한 부품 번호 - CS8427-CZZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8427-CZZ CIRRUS-CS8427-CZZ Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8427-CZZR CIRRUS-CS8427-CZZR Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
More results

유사한 설명 - CS8427-CZZ

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
   96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
   96 kHz Digital Audio Interface Transceiver
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
   96 kHz Digital Audio Interface Transmitter
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
   96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
   96 kHz Digital Audio Interface Receiver
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
   96 kHz DIGITAL AUDIO INTERFACE RECEIVER
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
   96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com