전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC15-24S05 데이터시트(PDF) 1 Page - Volgen Kaga Electronics Inc.

부품명 FDC15-24S05
상세설명  15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VOLGEN [Volgen Kaga Electronics Inc.]
홈페이지  http://www.volgen.com
Logo VOLGEN - Volgen Kaga Electronics Inc.

FDC15-24S05 데이터시트(HTML) 1 Page - Volgen Kaga Electronics Inc.

  FDC15-24S05 Datasheet HTML 1Page - Volgen Kaga Electronics Inc. FDC15-24S05 Datasheet HTML 2Page - Volgen Kaga Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
EL
LE
EC
CT
TR
RIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
IIN
NP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
O
OU
UT
TP
PU
UT
T S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
G
GE
EN
NE
ER
RA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
P
PH
HY
YS
SIIC
CA
AL
L S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
NS
S
S
SA
AF
FE
ET
TIIE
ES
S//A
AP
PP
PR
RO
OV
VA
AL
LS
S
1
FEATURES
15 WATT OUTPUT POWER
4 : 1 INPUT VOLTAGE RANGE
EXTREMELY RELIABLE
SIX SIDED CONTINOUS SHIELD
HIGH EFFICIENCY UP TO 82%
SHORT CIRCUIT PROTECTION
DIRECT PCB-SOLDERING
INDUSTRY STANDARD 2 X 1.6 X.04 PACKAGE
INTERNATIONAL SAFETY STANDARD
APPROVALS
1
15
5 W
WA
AT
TT
T D
DC
C//D
DC
C C
CO
ON
NV
VE
ER
RT
TE
ER
R,,
S
SIIN
NG
GL
LE
E &
& D
DU
UA
AL
L O
OU
UT
TP
PU
UT
TS
S
F
FD
DC
C1155 S
Seerriieess
Input Voltage Range.........................4 : 1
Input Filter........................................ PI-Network
Output Voltage Accuracy...... ..... ±2
Voltage Adjustability……………..±10%
Minimum Load……………………±10%
Efficiency.....................................Up to 82%
Over-Current Protection...………150% max
Ripple ......................................…75Vp-p (20Mhz
Bandwidth)
Line Regulation............................±0.5%
Line Filter.................................... Built-in
Load Regulation……………….....Single output: ±1%
Dual output: ±5%
(Load Rate 10% ~ 100%)
Isolation Voltage…………...1600VDC min
MTBF................................. >2.041 x 10
6 hours
Isolation Resistance.......….10
9ohms min
Isolation Capacitance………300pF
Switching Frequency……….270Khz typical
Operating Temperature ...................-40°C ~ +85°C
Temperature Coefficient...................±0.05%/ °C
Humidity.......................................... 5%~95% RH
Storage Temperature...................... -55°C ~ +105°C
Case Material..........................Nickel-Coated Copper
Base Material..........................Non-Conductive
Black Plastic
UL, TUV, CE
UL1950
EN60950
All specifications are typical at nominal input, full load


유사한 부품 번호 - FDC15-24S05

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
329Kb / 3P
   15 WATTS DC-DC CONVERTER
More results

유사한 설명 - FDC15-24S05

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FDC15-24S05 ETC-FDC15-24S05 Datasheet
174Kb / 2P
   15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS
logo
Wall Industries,Inc.
MSKUW WALL-MSKUW Datasheet
229Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
Volgen Kaga Electronics...
FEC40 VOLGEN-FEC40 Datasheet
262Kb / 2P
   40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com