전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC-145SMA 데이터시트(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

부품명 AMC-145SMA
상세설명  High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMC-145SMA 데이터시트(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AMC-145SMA Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMC-145SMA Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AMC-145SMA Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
High Performance Amplifier,
11 dB Gain, 10 - 1000 MHz
Rev. V4
AM-145 / AMC-145
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves


유사한 부품 번호 - AMC-145SMA

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AMC-145SMA MACOM-AMC-145SMA Datasheet
65Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
More results

유사한 설명 - AMC-145SMA

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
AM-145 MACOM-AM-145 Datasheet
261Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AM-AMC-145 MACOM-AM-AMC-145 Datasheet
65Kb / 3P
   High Performance Amplifier, 11dB Gain 10 - 1000 MHz
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
   High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
   High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
   High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
Tyco Electronics
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
   High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
   High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
   High Performance Amplifier, 10 dB Gain 5 - 500 MHz
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com