전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF530 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 IRF530
상세설명  N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

IRF530 데이터시트(HTML) 1 Page - Motorola, Inc

  IRF530 Datasheet HTML 1Page - Motorola, Inc IRF530 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


유사한 부품 번호 - IRF530

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
IRF530 STMICROELECTRONICS-IRF530 Datasheet
47Kb / 3P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
June 1988
logo
First Components Intern...
IRF530 FCI-IRF530 Datasheet
356Kb / 6P
   14.0A 100V N CHANNEL POWER MOSFET
logo
Transys Electronics
IRF530 TRSYS-IRF530 Datasheet
481Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE
logo
Vishay Siliconix
IRF530 VISHAY-IRF530 Datasheet
282Kb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Samsung semiconductor
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results

유사한 설명 - IRF530

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
MTM60N06 NJSEMI-MTM60N06 Datasheet
95Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N60 MOTOROLA-MTH8N60 Datasheet
386Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
MTM55N10 MOTOROLA-MTM55N10 Datasheet
192Kb / 5P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
MTH8N40 MOTOROLA-MTH8N40 Datasheet
385Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
MTH8N90 MOTOROLA-MTH8N90 Datasheet
394Kb / 6P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS
MTE50N45 MOTOROLA-MTE50N45 Datasheet
391Kb / 7P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT MODE SILICON GATE TMOS
MTD3055EL MOTOROLA-MTD3055EL Datasheet
380Kb / 6P
   TMOS IV Power Field Effect Transistor(N-Channel Enhancement-Mode Silicon Gate)
MTD2N20 MOTOROLA-MTD2N20 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE
MTP15N05E MOTOROLA-MTP15N05E Datasheet
172Kb / 5P
   POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE SILICON GATE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com