전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC352A110T024FP 데이터시트(PDF) 5 Page - Vicor Corporation

부품명 BC352A110T024FP
상세설명  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC352A110T024FP 데이터시트(HTML) 5 Page - Vicor Corporation

  BC352A110T024FP Datasheet HTML 1Page - Vicor Corporation BC352A110T024FP Datasheet HTML 2Page - Vicor Corporation BC352A110T024FP Datasheet HTML 3Page - Vicor Corporation BC352A110T024FP Datasheet HTML 4Page - Vicor Corporation BC352A110T024FP Datasheet HTML 5Page - Vicor Corporation BC352A110T024FP Datasheet HTML 6Page - Vicor Corporation BC352A110T024FP Datasheet HTML 7Page - Vicor Corporation BC352A110T024FP Datasheet HTML 8Page - Vicor Corporation BC352A110T024FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Bus Converter Module
BC352A110T024FP
vicorpower.com
Rev. 1.0
Page 5 of 11
SPECIFICATIONS (CONT.)
OUTPUT WAVEFORMS
Figure 8 — Output voltage ripple at full load and 352 Vin with 10 µF
ceramic external bypass capacitor and 20 nH of distribution inductance.
Figure 7 — Output voltage ripple at full load and 352 Vin without any
external bypass capacitor.
Ripple vs. Output Power
56
76
96
116
136
156
176
196
216
236
0
20
40
60
80
100 120 140 160 180 200 220 240
Output Power (W)
Figure 9 — Output voltage ripple vs. output power at 352 Vin without
any external bypass capacitor.
Figure 10 — 0 -21.8 A load step with 2 µF input capacitor and no
output capacitor.
Figure 11 — 21.8- 0 A load step with 2 µF input capacitor and no
output capacitor.


유사한 부품 번호 - BC352A110T024FP

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

유사한 설명 - BC352A110T024FP

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com