전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC048A040T020FP 데이터시트(PDF) 1 Page - Vicor Corporation

부품명 BC048A040T020FP
상세설명  BCM??Bus Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VICOR [Vicor Corporation]
홈페이지  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC048A040T020FP 데이터시트(HTML) 1 Page - Vicor Corporation

  BC048A040T020FP Datasheet HTML 1Page - Vicor Corporation BC048A040T020FP Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VI BRICK: BCMTM Bus Converter
vicorpower.com
Rev. 1.0
Page 1 of 2
Features
100°C baseplate operation
48, 352 and 384 V Bus Converters
High density – up to 390 w/in3
Small footprint – 1.64 and 2.08 in2
Height above board – 0.37 in (9.5 mm)
Efficiency up to 96%
Isolated output
No output filtering required
<1 µs transient response
Fast transient response
Lead free wave solder compatible
Agency approvals
BCMTM Bus Converter
Product Description
VI BRICK BCM modules use advanced Sine
Amplitude ConverterTM (SACTM) technology,
thermally enhanced packaging technologies,
and advanced manufacturing processes to
provide high power density and efficiency,
superior transient response, and improved
thermal management. These modules can be
used to provide an isolated intermediate bus to
power non-isolated POL converters and due to
the fast response time and low noise of the
BCM, capacitance can be reduced or
eliminated near the load.
R2
2 k
Ω
D1
SW1
enable / disable
switch
F1 10 A Fuse
Vin
(power good indicator)
C1
Vout
POL
POL
POL
POL
BCM
TM
RSV
PC
+IN
+OUT
-OUT
+OUT
-OUT
-IN
+
Typical Application
NOTE:
Vin : 48 (38 – 55) Vdc; Vout = 1.5 – 48 Vdc; C1 = 47 µF
Vin : 352 (330 – 365) Vdc; Vout = 10.3 – 11.4 Vdc; C1 = 22 µF
Vin : 384 (360 – 400) Vdc; Vout = 11.25 – 12.5 Vdc; C1 = 22 µF
Note: See individual data sheets for additional model specifications and configurations.
Model
Input
Output
Output
Output
Efficiency (%)
Output Ripple (mV)
Number
Voltage
Voltage
Power
Current
50% Load
100% Load
50% Load
100% Load
(V)
(V)
(W)
(A)
BC048A015T014FP
38 – 55
1.19 – 1.71
135
90
91.5
91.1
70
110
BC048A030T021FP
38 – 55
2.38 – 3.43
210
70
95.0
94.2
50
65
BC048A040T020FP
38 – 55
3.17 – 4.58
200
50
94.8
94.4
170
220
BC048A060T024FP
38 – 55
4.75 – 6.87
240
40
95.6
94.6
98
170
BC048A080T024FP
38 – 55
6.33 – 9.16
240
30
96.0
95.8
70
140
BC048A096T024FP
38 – 55
7.60 – 11.0
240
25
96.2
96.2
110
180
BC048A120T030FP
38 – 55
9.50 – 13.8
300
25
95.1
95.6
100
150
BC048A160T024FP
38 – 55
12.7 – 18.3
240
15
96.0
95.7
107
150
BC048A240T030FP
38 – 53
19.0 – 26.5
300
12
95.7
95.9
85
150
BC048A320T030FP
38 – 55
25.3 – 36.7
300
9
96.5
96.2
115
180
BC048A480T030FP
38 – 55
38.0 – 55.0
300
6
96.7
96.4
95
190
BC352A110T024FP
330 – 365
10.3 – 11.4
240
21.8
95.6
95.8
140
240
BC352A110T030FP
330 – 365
10.3 – 11.4
300
27.2
95.8
95.2
110
200
BC384A120T030FP
360 – 400
11.25 – 12.5
300
25
95.2
95.3
100
195


유사한 부품 번호 - BC048A040T020FP

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
More results

유사한 설명 - BC048A040T020FP

제조업체부품명데이터시트상세설명
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com