전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM285Z-1.2 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 LM285Z-1.2
상세설명  MICROPOWER VOLTAGE REFERENCE DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM285Z-1.2 데이터시트(HTML) 2 Page - Motorola, Inc

  LM285Z-1.2 Datasheet HTML 1Page - Motorola, Inc LM285Z-1.2 Datasheet HTML 2Page - Motorola, Inc LM285Z-1.2 Datasheet HTML 3Page - Motorola, Inc LM285Z-1.2 Datasheet HTML 4Page - Motorola, Inc LM285Z-1.2 Datasheet HTML 5Page - Motorola, Inc LM285Z-1.2 Datasheet HTML 6Page - Motorola, Inc LM285Z-1.2 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM285 LM385, B
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Ambient Temperature Range
TA
°C
LM285
LM385
– 40 to + 85
0 to +70
Operating Junction Temperature
TJ
+ 150
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
LM285–1.2
LM385–1.2/LM385B–1.2
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IRmin p IR p 20 mA)
V(BR)R
V
LM285–1.2/LM385B–1.2
1.223
1.235
1.247
1.223
1.235
1.247
TA = Tlow to Thigh (Note 1)
1.200
1.270
1.210
1.260
LM385–1.2
1.205
1.235
1.260
TA = Tlow to Thigh (Note 1)
1.192
1.273
Minimum Operating Current
IRmin
µA
TA = 25°C
8.0
10
8.0
15
TA = Tlow to Thigh (Note 1)
20
20
Reverse Breakdown Voltage Change with Current
∆V(BR)R
mV
IRmin p IR p 1.0 mA, TA = +25°C
1.0
1.0
TA = Tlow to Thigh (Note 1)
1.5
1.5
1.0 mA
p IR p 20 mA, TA = +25°C
10
20
TA = Tlow to Thigh (Note 1)
20
25
Reverse Dynamic Impedance
Z
0.6
0.6
W
IR = 100 µA, TA = +25°C
Average Temperature Coefficient
∆V(BR)/∆T
80
80
ppm/
°C
10
µA p IR p 20 mA, TA = Tlow to Thigh (Note 1)
Wideband Noise (RMS)
n
60
60
µV
IR = 100 µA, 10 Hz p f p 10 kHz
Long Term Stability
S
20
20
ppm/
IR = 100 µA, TA = +25°C ± 0.1°C
kHR


유사한 부품 번호 - LM285Z-1.2

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM285Z-1.2 NSC-LM285Z-1.2 Datasheet
265Kb / 10P
   Micropower Voltage Reference Diode
LM285Z-1.2 NSC-LM285Z-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
logo
ON Semiconductor
LM285Z-1.2 ONSEMI-LM285Z-1.2 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285Z-1.2 ONSEMI-LM285Z-1.2 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
logo
National Semiconductor ...
LM285Z-1.2 NSC-LM285Z-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
More results

유사한 설명 - LM285Z-1.2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com