전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA2040N2810 데이터시트(PDF) 1 Page - American Accurate Components, Inc.

부품명 LA2040N2810
상세설명  Broadband Low Noise Small Signal Amp 0.3 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAC [American Accurate Components, Inc.]
홈페이지  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

LA2040N2810 데이터시트(HTML) 1 Page - American Accurate Components, Inc.

  LA2040N2810 Datasheet HTML 1Page - American Accurate Components, Inc. LA2040N2810 Datasheet HTML 2Page - American Accurate Components, Inc. LA2040N2810 Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
Amplifiers
Coaxial
Broadband Low Noise Small Signal Amplifiers
0.3 to 18GHz
Gain
P/N
Freq. Range
(dB)
Noise Figure
(dB)
Pout@1dB
(dBm)
Flatness
(dB)
IP3
(dBm)
VSW R
Current
+12V (mA)
Case
(GHz)
Min
Max
Max
Min
Max
Typ
Max
Typ
LA0301N3620
0.3 - 1
32
39
2
10
± 1.5
20
2:1
300
3I
LA0510N1610
0.5 - 1
14
18
3.0
10
± 0.5
20
2:1
120
SI,2MH
LA0510N3210
0.5 - 1
29
35
3.0
10
± 1.0
20
2:1
200
4I,3MH
LA0510N1614
0.5 - 1
14
18
3.0
14
± 0.5
20
2:1
120
2I,2MH
LA0510N3214
0.5 - 1
29
35
3.0
14
± 1.0
20
2:1
200
4I,3MH
LA0520N1610
0.5 - 2
14
18
3.0
10
± 1.0
20
2:1
120
2I,2MH
LA0520N3210
0.5 - 2
29
35
3.0
10
± 1.4
20
2:1
200
4I,3MH
LA0520N1614
0.5 - 2
14
18
3.0
14
± 1.0
20
2:1
120
2I,2MH
LA0520N3214
0.5 - 2
29
35
3.0
14
± 1.4
20
2:1
200
4I,3MH
LA1020N1610
1 - 2
14
18
3.0
10
± 0.8
20
2:1
120
2I,2MH
LA1020N3214
1 - 2
29
35
3.0
14
± 1.4
20
2:1
200
4I,3MH
LA2040N1409
2 - 4
12
17
3.5
9
± 1.3
20
2:1
150
2I,2MH
LA2040N2109
2 - 4
19
24
3.0
9
± 1.0
20
2:1
150
4I,3MH
LA2040N2810
2 - 4
25
31
3.0
10
± 1.3
20
2:1
150
4I,4MH
LA2040N3510
2 - 4
32
39
3.5
10
± 1.5
25
2:1
200
6I,6MH
LA2040N4210
2 - 4
38
46
3.5
10
± 1.5
25
2:1
300
6I,6MH
LA2040N1813
2 - 4
15
21
3.8
13
± 1.3
20
2:1
150
2I,2MH
LA2040N2113
2 - 4
19
24
3.0
13
± 1.0
20
2:1
150
4I,3MH
LA2040N2815
2 - 4
25
31
3.0
15
± 1.3
20
2:1
150
4I,4MH
LA2040N3515
2 - 4
32
39
3.5
15
± 1.5
25
2:1
200
6I,6MH
LA2040N4215
2 - 4
38
46
3.5
15
± 1.5
25
2:1
300
6I,6MH
LA2080N1409
2 - 8
11
17
3.5
9
± 1.5
20
2:1
150
2I,2MH
LA2080N2109
2 - 8
18
24
3.5
9
± 1.5
20
2:1
150
4I,3MH
LA2080N2910
2 - 8
26
33
3.0
10
± 1.5
20
2:1
250
4I,4MH
LA2080N3910
2 - 8
34
45
3.5
10
± 1.8
25
2:1
300
6I,6MH
LA2080N4210
2 - 8
38
46
3.5
10
± 2.0
25
2:1
300
6I,6MH
LA2080N1813
2 - 8
15
21
4.0
13
± 1.5
20
2:1
150
2I,2MH
LA2080N2113
2 - 8
18
24
3.5
13
± 1.5
20
2:1
250
4I,3MH
LA2080N2915
2 - 8
26
33
3.0
15
± 1.5
20
2:1
250
4I,4MH
LA2080N3915
2 - 8
34
45
3.5
15
± 1.8
25
2:1
300
6I,6MH
LA2080N4215
2 - 8
38
46
3.5
15
± 2.0
25
2:1
350
6I,6MH
LA1018N2409
1 - 18
21
28
4.5
9
± 2.0
18
2.2:1
200
4I,4MH
LA1018N3209
1 - 18
28
36
4.5
9
± 2.2
18
2.2:1
250
6I,6MH
LA1018N4009
1 - 18
36
45
5.0
9
± 2.5
18
2.5:1
350
6I,6MH
LA1018N2414
1 - 18
21
28
5.0
14
± 2.0
23
2.2:1
280
4I,4MH
LA1018N3214
1 - 18
28
36
5.0
14
± 2.2
23
2.2:1
300
6I,6MH
LA1018N4014
1 - 18
36
45
5.5
14
± 2.5
23
2.5:1
400
6I,6MH
LA2018N1809
2 - 18
15
21
4.5
9
± 2.2
18
2.2:1
180
4I,3MH
LA2018N2409
2 - 18
21
28
4.5
9
± 2.0
18
2.2:1
200
4I,4MH
LA2018N3209
2 - 18
28
36
4.5
9
± 2.2
18
2.2:1
250
6I,6MH
LA2018N4009
2 - 18
36
45
5.0
9
± 2.5
18
2.5:1
350
6I,6MH
LA2018N1814
2 - 18
15
21
6.5
14
± 2.2
23
2.2:1
250
4I,3MH


유사한 부품 번호 - LA2040N2810

제조업체부품명데이터시트상세설명
logo
American Accurate Compo...
LA2040N2820 AAC-LA2040N2820 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
LA2040N2823 AAC-LA2040N2823 Datasheet
85Kb / 1P
   Broadband Low Noise Medium Power Amplifiers
More results

유사한 설명 - LA2040N2810

제조업체부품명데이터시트상세설명
logo
American Accurate Compo...
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
logo
United Monolithic Semic...
CHA3218-99F UMS-CHA3218-99F_15 Datasheet
421Kb / 10P
   2-18GHz Low Noise Amplifier
logo
American Accurate Compo...
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
United Monolithic Semic...
CHA3512 UMS-CHA3512_15 Datasheet
377Kb / 10P
   6-18GHz Low Noise Digital Variable Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com