전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MB3257FT 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC7MB3257FT
상세설명  Quad 1-of-2 Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3257FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC7MB3257FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 7Page - Toshiba Semiconductor TC7MB3257FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MB3257FT/FK
2008-09-01
5
AC Test Circuit
AC Waveform
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
7.0 V
tpHZ, tpZH
Open
Open
7.0 V
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
90%
10%
VOL
3.5 V
GND
3.0 V
1.5 V
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH − 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
VOL +
0.3 V
Figure 3
tpLZ, tpHZ, tpZL, tpZH
Figure 2
tpLH, tpHL
90%
10%
Input
GND
3.0 V
tr 2.5 ns
tf 2.5 ns
1.5 V
Output
VOL
VOH
1.5 V
tpLH, tpHL
tpHL, tPLH


유사한 부품 번호 - TC7MB3257FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK Datasheet
105Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FK TOSHIBA-TC7MB3257FK Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results

유사한 설명 - TC7MB3257FT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com