전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MBL3257AFT 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TC7MBL3257AFT
상세설명  Quad 1-of-2 Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3257AFT 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TC7MBL3257AFT Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3257AFT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7MBL3257AFT/FK
2008-09-01
4
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
± 0.3
0.31
Propagation delay time
(bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
2.5
± 0.2
0.52
ns
3.3
± 0.3
11.0
Propagation delay time
(S to bus)
tpLH
tpHL
Figure 1, Figure 2
2.5
± 0.2
17.0
ns
3.3
± 0.3
11.0
Output enable time
(
OE to bus)
tpZL
tpZH
Figure 1, Figure 3
2.5
± 0.2
17.0
ns
3.3
± 0.3
20.0
Output enable time
(S to bus)
tpZL
tpZH
Figure 1, Figure 3
2.5
± 0.2
22.0
ns
3.3
± 0.3
20.0
Output disable time
( OE to bus)
tpLZ
tpHZ
Figure 1, Figure 3
2.5
± 0.2
22.0
ns
3.3
± 0.3
20.0
Output disable time
(S to bus)
tpLZ
tpHZ
Figure 1, Figure 3
2.5
± 0.2
22.0
ns
Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical on resistance of the switch and the 50 pF load capacitance, when driven
by an ideal voltage the source (zero output impedance).
Capacitive Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance ( OE , S)
CIN
(Note)
3.0
3
pF
Switch terminal capacitance (B1, B2)
CI/O
OE
= VCC
(Note)
3.0
15
pF
Switch terminal capacitance (A)
CI/O
OE = VCC
(Note)
3.0
26
pF
Note: This parameter is guaranteed by design.


유사한 부품 번호 - TC7MBL3257AFT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results

유사한 설명 - TC7MBL3257AFT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com