전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7SZ17AFS 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TC7SZ17AFS
상세설명  Schmitt Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ17AFS 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TC7SZ17AFS Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ17AFS Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ17AFS Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ17AFS Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ17AFS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TC7SZ17AFS
2009-09-17
2
IEC Logic Symbol
Truth Table
A
Y
L
L
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
1.65 to 5.5
Supply voltage
VCC
1.5 to 5.5
(Note2)
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Note 2: Data retention only
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
UNIT
1.65
0.6
1.0
1.4
0.6
1.4
1.8
0.7
1.1
1.5
0.7
1.5
2.3
1.0
1.4
1.8
1.0
1.8
3.0
1.3
1.75
2.2
1.3
2.2
4.5
1.9
2.45
3.1
1.9
3.1
High
level
VP
5.5
2.2
2.9
3.6
2.2
3.6
1.65
0.2
0.5
0.8
0.2
0.8
1.8
0.25
0.55
0.9
0.25
0.9
2.3
0.40
0.75
1.15
0.40
1.15
3.0
0.6
1.0
1.5
0.6
1.5
4.5
1.0
1.43
2.0
1.0
2.0
Threshold
voltage
Low
level
VN
5.5
1.2
1.70
2.4
1.2
2.4
V
1.65
0.1
0.48
0.9
0.1
1.0
1.8
0.15
0.54
1.0
0.15
1.0
2.3
0.25
0.65
1.1
0.25
1.1
3.0
0.4
0.77
1.2
0.4
1.2
4.5
0.6
1.01
1.5
0.6
1.5
Hysteresis voltage
VH
5.5
0.7
1.18
1.7
0.7
1.7
V
OUT Y
IN A


유사한 부품 번호 - TC7SZ17AFS

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7SZ17F TOSHIBA-TC7SZ17F Datasheet
177Kb / 6P
   Schmitt Buffer
TC7SZ17FE TOSHIBA-TC7SZ17FE Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-21 Rev.2.0
TC7SZ17FU TOSHIBA-TC7SZ17FU Datasheet
177Kb / 6P
   Schmitt Buffer
More results

유사한 설명 - TC7SZ17AFS

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NL17SG17 ONSEMI-NL17SG17 Datasheet
95Kb / 9P
   Schmitt Buffer
July, 2015 ??Rev. 6
logo
Toshiba Semiconductor
TC7SG17AFS TOSHIBA-TC7SG17AFS Datasheet
155Kb / 6P
   Schmitt Buffer
TC7SG17FU TOSHIBA-TC7SG17FU Datasheet
151Kb / 6P
   Schmitt Buffer
TC7SH17F TOSHIBA-TC7SH17F Datasheet
172Kb / 6P
   Schmitt Buffer
TC7SG17FE TOSHIBA-TC7SG17FE Datasheet
147Kb / 6P
   Schmitt Buffer
TC7SZ17F TOSHIBA-TC7SZ17F Datasheet
177Kb / 6P
   Schmitt Buffer
TC74VHCV17FT TOSHIBA-TC74VHCV17FT Datasheet
182Kb / 8P
   Hex Schmitt Buffer
TC7PG17FU TOSHIBA-TC7PG17FU Datasheet
149Kb / 6P
   Dual Schmitt Buffer
2009-09-18
TC7PG17AFE TOSHIBA-TC7PG17AFE Datasheet
281Kb / 6P
   Dual Schmitt Buffer
2013-07-25
TC7PA17FU TOSHIBA-TC7PA17FU Datasheet
184Kb / 8P
   Dual Schmitt Buffer
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com