전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCM8102 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TPCM8102
상세설명  Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCM8102 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TPCM8102 Datasheet HTML 1Page - Toshiba Semiconductor TPCM8102 Datasheet HTML 2Page - Toshiba Semiconductor TPCM8102 Datasheet HTML 3Page - Toshiba Semiconductor TPCM8102 Datasheet HTML 4Page - Toshiba Semiconductor TPCM8102 Datasheet HTML 5Page - Toshiba Semiconductor TPCM8102 Datasheet HTML 6Page - Toshiba Semiconductor TPCM8102 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCM8102
2008-03-21
1
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSⅤ)
TPCM8102
Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications
• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 6.0 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 44S (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −30 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
−30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−25
Drain current
Pulse (Note 1)
IDP
−75
A
Drain power dissipation (Tc = 25
°C)
PD
30
W
Drain power dissipation
(t
= 10 s)
(Note 2a)
PD
2.3
W
Drain power dissipation
(t
= 10 s)
(Note 2b)
PD
1.0
W
Single-pulse avalanche energy
(Note 3)
EAS
81
mJ
Avalanche current
IAR
−25
A
Repetitive avalanche energy
(Tc = 25
°C) (Note 4)
EAR
1.8
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 4, refer to the next page.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
0.8±0.1
2.75±0.2
1
4
5
8
0.8
0.25±0.05
0.55
1
4
5
8
0.05 M A
0.2
0
- 0.2
3.5±0.2
A
S
0.05 S
1,2,3:SOURCE
4:GATE
5,6,7,8:DRAIN
JEDEC
JEITA
TOSHIBA
2-4L1A
Weight: 0.028 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


유사한 부품 번호 - TPCM8102

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
42Kb / 4P
   High Speed and High Efficiency DC-DC Converters, Notebook PC Applications, Portable Equipment Applications
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
More results

유사한 설명 - TPCM8102

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC6110 TOSHIBA-TPC6110 Datasheet
237Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8128 TOSHIBA-TPC8128 Datasheet
223Kb / 7P
   Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com