전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL221 데이터시트(PDF) 5 Page - Silicon Touch Technology Inc.

부품명 DL221
상세설명  Optical Fiber Transmitting IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DL221 데이터시트(HTML) 5 Page - Silicon Touch Technology Inc.

  DL221 Datasheet HTML 1Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 2Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 3Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 4Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 5Page - Silicon Touch Technology Inc. DL221 Datasheet HTML 6Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
42-DL221
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
SP-DL221-A.005.doc
-4-
Version
A.005
REQUIREMENTS FOR WAFER DELIVERY
Material:
Silicon with P-Substrate
Diameter:
6 inches(≒15cm)
Thickness: 15 mils(≒375um)
Malfunctioned die:Marked with red ink or equivalent marking
HANDLING RECOMMENDATION FOR STATIC ELECTRICITY PROTECTION
(1) Avoid any circumstance that produce static electricity, e.g. rubbing against plastic, during
moving, storing and processing 42-DL221.
(2) Process 42-DL221 in a clean room with proper temperature and humidity.
(3) Ground all working machines and workers wear anti-electrostatic ring to ground during
processing.
(4) Avoid contact 42-DL221 with bare hands .If unavoided, wear anti-electrostatic ring and use
anti-electrostatic tool to pick it up.
GUARANTED TEMPERATURE AND RETENTION CYCLE
(1) The device/wafer 42-DL221 should be stored in the nitrogenous chest. The conditions suggested
are as follows:
Temperature = 23±3℃
Relative Humidity = 50±10%
Minimum nitrogen inflow = 3 liters/minute
(2) If the device/wafer, 42-DL221 is incidentally exposed to the air, use it for manufacturing as soon
as possible.
(3) Under the storage environment specified in item (1), six-month safe storage period is
guaranteed.


유사한 부품 번호 - DL221

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
DL200 MOTOROLA-DL200 Datasheet
6Mb / 670P
   Sensor
logo
Vaisala
DL2000 VAISALA-DL2000 Datasheet
678Kb / 2P
   DL2000 Temperature and RH Data Logger
logo
Danisense A/S
DL2000ID DANISENSE-DL2000ID Datasheet
973Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-24
DL2000ID-CB100 DANISENSE-DL2000ID-CB100 Datasheet
1,000Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-03-15
DL2000ID-CD100 DANISENSE-DL2000ID-CD100 Datasheet
1,016Kb / 7P
   Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 3000A
2022-11-25
More results

유사한 설명 - DL221

제조업체부품명데이터시트상세설명
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213 SITI-42-DL213 Datasheet
114Kb / 6P
   Optical Fiber Transmitting IC
42-DL214 SITI-42-DL214 Datasheet
412Kb / 6P
   Optical Fiber Transmitting IC
42-DL212 SITI-42-DL212 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
42-DL213B SITI-42-DL213B Datasheet
108Kb / 6P
   Optical Fiber Transmitting IC
42-DL312 SITI-42-DL312 Datasheet
457Kb / 6P
   Optical Fiber Receiving IC
42-DL313 SITI-42-DL313 Datasheet
131Kb / 6P
   Optical Fiber Receiving IC
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com