전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM135 데이터시트(PDF) 2 Page - Silicon Touch Technology Inc.

부품명 DM135
상세설명  16-Bit Constant Current LED Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SITI [Silicon Touch Technology Inc.]
홈페이지  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM135 데이터시트(HTML) 2 Page - Silicon Touch Technology Inc.

  DM135 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM135 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DM134
DM135DM136
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-1-
Version
:A.013
DM134、DM135、DM136
16-Bit Constant Current LED Drivers
General Description
The DM134、DM135、DM136 are constant current drivers specifically designed for LED
display applications. The value of constant current can be varied using an external resistor. The
devices include a 16-bit shift register, latches, and constant current drivers on a single Silicon
CMOS chip.
Features
5V CMOS Compatible Input
Maximum Clock Frequency: 25MHz (Cascade Operation)
Maximum Output Voltage:
17V
Package:
DIP24, SOP24, SSOP24, QFN32,
TSSOP24-exposedPAD(DM135)
Package and Pin Layout:
Pin layout and functionality are similar to those of the ST2221C.
(Each characteristic value is different.)
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Chip-to-Chip:
± 10.0%
Bit-to-Bit:
DM134:
± 4.0% @ IOUT = 30 ~ 90mA
± 6.0% @ IOUT = 20 ~ 30mA
DM135:
± 4.0% @ IOUT = 10 ~ 50mA
± 6.0% @ IOUT = 5 ~ 10mA
DM136:
± 4.0% @ IOUT = 3 ~ 15mA


유사한 부품 번호 - DM135

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM135B ETC-DM135B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Silicon Touch Technolog...
DM135B SITI-DM135B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
More results

유사한 설명 - DM135

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com